Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GPF810B Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS2GPF810B
Description  Digital Photo Frame
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GPF810B Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS2GPF810B Datasheet HTML 1Page - Transcend Information. Inc. TS2GPF810B Datasheet HTML 2Page - Transcend Information. Inc. TS2GPF810B Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T
T
TS
S
S2
2
2G
G
GP
P
PF
F
F8
8
81
1
10
0
0K
K
K///W
W
W///B
B
B
PF810
Transcend Information Inc.
1
Description
TS2GPF810K/B/W are three models of Transcend
PF810 Digital Photo Frame series with different color.
The device is designed to access and playback photos,
videos and music from a variety of sources: USB Flash
drives, memory cards, or it’s on-board flash memory.
System Requirements
System requirements for connecting photo frame to a
computer:
100~240V voltage power outlet for the DC adaptor.
Desktop or notebook computer with a working USB port.
One of the following Operating Systems:
• Windows 2000
• Windows XP
• Windows Vista™
• Mac OS 10.0 or later
• Linux Kernel 2.4 or later
Features (modified for 810)
Bright 8” (4:3) high-resolution color TFT LCD panel
Built-in stereo speakers and headphone jack
View photos with background music from MP3s or the
radio
Supports USB flash drives and SD/SDHC/MMC/MS/ CF
memory cards
2GB of internal memory – works even without a memory
card
Built-in FM radio with programmable station presets
Full motion video playback
Automatic rotation sensor for easy Landscape or Portrait
setup
Fully compliant with Hi-Speed USB 2.0 and backwards
compatible with USB 1.1
Direct USB connection to your PC for easy file transfers
Select multiple photos for convenient one-step transfer to
internal memory
Slideshow, thumbnail, still picture, and zoom-in viewing
options
Attractive frame themes and animations to accent your
pictures
Important date/event reminder
Clock, alarm and calendar functions
Automatic Power-ON/OFF and Sleep timers
Custom alarm clock settings - wake up to your favorite
FM radio station or MP3 song
User-selectable Color Modes to enhance the look of your
photos
Touch-sensitive menu buttons with LED indicator lights
Placement


Similar Part No. - TS2GPF810B

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GPF720K TRANSCEND-TS2GPF720K Datasheet
427Kb / 5P
T.photo??720
TS2GPF720K/W TRANSCEND-TS2GPF720K/W Datasheet
427Kb / 5P
T.photo??720
TS2GPF720W TRANSCEND-TS2GPF720W Datasheet
427Kb / 5P
T.photo??720
TS2GPF730B TRANSCEND-TS2GPF730B Datasheet
71Kb / 2P
Digital Photo Frames
TS2GPF730B-J TRANSCEND-TS2GPF730B-J Datasheet
71Kb / 2P
Digital Photo Frames
More results

Similar Description - TS2GPF810B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL5801K NJRC-NJL5801K Datasheet
171Kb / 5P
DIGITAL OUTPUT PHOTO REFLECTOR???
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
COSMO Electronics Corp...
KP7010 COSMO-KP7010 Datasheet
231Kb / 2P
High Reliability Digital Output IC Photo IC Photo Coupler
KP7110 COSMO-KP7110 Datasheet
230Kb / 2P
High Reliability Digital Output IC Photo IC Photo Coupler
logo
New Japan Radio
NJL5802K NJRC-NJL5802K Datasheet
180Kb / 5P
DIGITAL OUTPUT PHOTO REFLECTOR
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
Photo−IC Digital Logic Isolation
logo
Extech Instruments Corp...
461893 EXTECH-461893 Datasheet
338Kb / 4P
Digital Photo Tachometer
logo
Transcend Information. ...
TS2GPF730B TRANSCEND-TS2GPF730B Datasheet
71Kb / 2P
Digital Photo Frames
logo
Clairex Technologies, I...
CLL CLAIREX-CLL Datasheet
198Kb / 4P
Photo-IC Sensors Digital Output
logo
STMicroelectronics
STEVAL-CCM001V1 STMICROELECTRONICS-STEVAL-CCM001V1 Datasheet
252Kb / 5P
Digital photo frame demonstration board based on the STM32F103RB microcontroller
21-Nov-2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com