Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD340 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLD340
Description  High Temperature AlGaAs Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLD340 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLD340 Datasheet HTML 1Page - Clairex Technologies, Inc CLD340 Datasheet HTML 2Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLD340
High Temperature AlGaAs Photodiode
Clairex
Technologies, Inc.
January, 2002
features
• usable at 225°C
• 880nm wavelength
• narrow response range
• hermetically sealed TO-46
package
• ±35° acceptance angle
description
The CLD340 is a high temperature
AlGaAs photodiode designed for
sensitivity from 830 to 910nm. This
specialty detector eliminates the
need for signal modulation or
filtering of ambient light when used
where background illumination
could cause problems. The 0.040"
by 0.040" chip is mounted in a flat
window TO-46 package. The
CLE335 is recommended for
optical coupling.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ....................................................................... -65°C to +250°C
operating temperature .................................................................... -65°C to +225°C
lead soldering temperature
(1) ...........................................................................260°C
reverse voltage ................................................................................................... 10V
continuous power dissipation
(2)..................................................................... 250mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum.
2.
Derate linearly 1.0mW/°C from 25°C free air temperature to TA = +225°C.
fundamental characteristics
spectral response
light current vs temp.
dark current vs temp.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
0.147 (3.73)
0.137 (3.48)
CATHODE
ANODE
0.205 (5.21)
0.215 (5.46)
0.190 (4.83)
0.176 (4.47)
0.100 (2.54) dia.
0.165 (4.19)
0.145 (3.68)
0.025 (0.64) max.
0.019 (0.48)
0.016 (0.41)
1.00 (25.4) min.
0.010 (0.25) max
0.136 (3.45)
0.156 (3.96)
Case 3
0
90
80
70
60
50
40
30
20
10
100
600
700
800
900
1000
110
silicon
photodiode
wavelength (nanometers)
AlGaAs
photodiode
0
50
100
150
200
25
20
18
16
14
12
10
8
6
4
2
0
temperature (°C)
CLE335 source at same
temperature as CLDX340.
= 850nm at 25°C
λ
H = 1mW/cm², and
0
50
100
150
200
25
1.0
10
10
10
10
-1
-2
-3
-4
temperature (°C)
ALL DIMENSIONS ARE IN INCHES(MILLIMETERS)
®
Revised 3/6/06
CLD340


Similar Part No. - CLD340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLD31 ETC-CLD31 Datasheet
88Kb / 2P
SILICON PLANAR PHOTOVOLTIAC DIODES
CLD31BB ETC-CLD31BB Datasheet
88Kb / 2P
SILICON PLANAR PHOTOVOLTIAC DIODES
CLD370F ETC1-CLD370F Datasheet
90Kb / 1P
Plastic PIN Photodiode
More results

Similar Description - CLD340

ManufacturerPart #DatasheetDescription
logo
Rohm
RLD-78MAT1 ROHM-RLD-78MAT1 Datasheet
65Kb / 3P
AlGaAs laser diodes
logo
Sharp Corporation
PD410PI SHARP-PD410PI Datasheet
42Kb / 3P
High Speed Photodiode
logo
Rohm
RLD78NZH2 ROHM-RLD78NZH2 Datasheet
89Kb / 3P
AlGaAs laser diodes
RLD78PPY4 ROHM-RLD78PPY4 Datasheet
120Kb / 3P
AlGaAs laser diode
logo
BRIGHT LED ELECTRONICS ...
BL-BF331 BRIGHT-BL-BF331 Datasheet
154Kb / 3P
Chip material: AlGaAs/ AlGaAs
logo
Clairex Technologies, I...
CLE135 CLAIREX-CLE135 Datasheet
140Kb / 2P
940nm High Efficiency GaAs/AlGaAs IREDs
logo
Sharp Corporation
PD410PI2E00F SHARP-PD410PI2E00F Datasheet
65Kb / 4P
High Speed Photodiode
logo
Roithner LaserTechnik G...
QL78F6S-A ROITHNER-QL78F6S-A Datasheet
154Kb / 3P
AlGaAs Laser Diode
logo
OSRAM GmbH
SFH-2504 OSRAM-SFH-2504 Datasheet
423Kb / 10P
Silicon PIN Photodiode with integrated Temperature Sensor
logo
ams AG
SFH2504 AMSCO-SFH2504 Datasheet
1Mb / 15P
Silicon PIN Photodiode with integrated Temperature Sensor
Version 1.6 2023-07-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com