Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD340 Datasheet(PDF) 2 Page - Clairex Technologies, Inc

Part # CLD340
Description  High Temperature AlGaAs Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLD340 Datasheet(HTML) 2 Page - Clairex Technologies, Inc

  CLD340 Datasheet HTML 1Page - Clairex Technologies, Inc CLD340 Datasheet HTML 2Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLD340
High Temperature AlGaAs Photodiode
electrical characteristics at TA = 25°C (unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
ISC
Short-circuit current(3)
2.0
3.5
-
µA
VBIAS = 0V, Ee = 1mW/cm2
ID
Dark current
-
0.1
1.0
nA
VR = 5V, Ee = 0
RS
Shunt resistance
-
3000
-
Meg.
Ω
VR = 10mV
VBR
Reverse breakdown
20
-
-
V
IR = 10µA
Cj
Junction capacitance
-
170
-
pF
VBIAS = 0, f = 1MHz
ΘHP
Total angle at half sensitivity points
-
70
-
deg.
tr, tf
0utput rise and fall time(3)
-
1.0
-
µs
RL = 50Ω, VR = 5V
note: 3. Radiation source is an aluminum gallium arsenide IRED with a peak emission wavelength of 850nm.
Clairex
Technologies, Inc.
®
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com