Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL134 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLL134
Description  Photo-IC Sensors Digital Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLL134 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLL134 Datasheet HTML 1Page - Clairex Technologies, Inc CLL134 Datasheet HTML 2Page - Clairex Technologies, Inc CLL134 Datasheet HTML 3Page - Clairex Technologies, Inc CLL134 Datasheet HTML 4Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLL Series
Photo-IC Sensors
Digital Output
Clairex
Technologies, Inc.
March, 2003
®
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
Page 1 of 4
Case 21
1
2
3
2. VCC
3. GROUND
4. ADJUST
1. OUTPUT
4
0.028 (0.71)
0.048 (1.22)
0.046 (1.17)
0.036 (0.91)
45°
0.209 (5.31)
0.230 (5.84)
0.060 (1.52) max
0.210 (5.33)
0.500(12.7) min.
0.190 (4.83)
0.187 (4.75)
0.179 (4.55)
0.030 (0.76) max.
0.210 (5.33)
0.500(12.7) min.
0.190 (4.83)
0.187 (4.75)
0.179 (4.55)
0.030 (0.76) max.
0.010 (0.25) max
1
2
3
2. VCC
3. GROUND
4. ADJUST
1. OUTPUT
4
0.028 (0.71)
0.048 (1.22)
0.046 (1.17)
0.036 (0.91)
45°
0.209 (5.31)
0.230 (5.84)
Case 22
Case 21
1
2
3
2. VCC
3. GROUND
4. ADJUST
1. OUTPUT
4
0.028 (0.71)
0.048 (1.22)
0.046 (1.17)
0.036 (0.91)
45°
0.209 (5.31)
0.230 (5.84)
0.060 (1.52) max
0.210 (5.33)
0.500(12.7) min.
0.190 (4.83)
0.187 (4.75)
0.179 (4.55)
0.030 (0.76) max.
0.210 (5.33)
0.500(12.7) min.
0.190 (4.83)
0.187 (4.75)
0.179 (4.55)
0.030 (0.76) max.
0.010 (0.25) max
1
2
3
2. VCC
3. GROUND
4. ADJUST
1. OUTPUT
4
0.028 (0.71)
0.048 (1.22)
0.046 (1.17)
0.036 (0.91)
45°
0.209 (5.31)
0.230 (5.84)
Case 22
TO-72
CLL130
CLL131
CLL133
TO-72
CLL130W
CLL131W
CLL133W
TO-18
CLL134
CLL135
CLL136
CLL137
TO-18
CLL134W
CLL135W
CLL136W
CLL137W
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
features
• Output stages:
a. Buffer or inverter
b. Open collector or internal
10KΩ pull-up
• Supply voltage 4.5V to 18V
• 7:1 user sensitivity adjustment
on CLL130-CLL133 and
CLL130W-CLL133W series
• Acceptance angle:
a. ± 15° high dome lens can
b. ± 35° flat window lens can
• Operates to 125°C
• RoHS compliant
description
The CLL series are monolithic
integrated circuits incorporating a
photodiode, linear amplifier, Schmitt
trigger for hysteresis and pulse
shaping, and digital output with either
10KΩ pull-up or open collector. The
series includes TO-72 four leaded
packages (with user adjustable gain)
and TO-18 three leaded packages in
both high dome and flat window
configurations. Alternate pin-outs
are available. Contact Clairex.
0.210 (5.33)
0.190 (4.83)
Revised 3/16/06
1
2
3
2. VCC
3. GROUND
4. ADJUST
1. OUTPUT
4
0.028 (0.71)
0.048 (1.22)
0.046 (1.17)
0.036 (0.91)
45°
0.209 (5.31)
0.230 (5.84)
0.060 (1.52) max
0.157 (3.99)
0.500(12.7) min.
0.137 (3.48)
0.187 (4.75)
0.179 (4.55)
0.030 (0.76) max.


Similar Part No. - CLL134

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL130-0101A5-27AM1B1 CITIZEN-CLL130-0101A5-27AM1B1 Datasheet
1Mb / 14P
These data sheet are applied to the chip type LED lamp
CLL130-0101A5-30AM1B1 CITIZEN-CLL130-0101A5-30AM1B1 Datasheet
1Mb / 14P
These data sheet are applied to the chip type LED lamp
CLL130-0101A5-35AM1B1 CITIZEN-CLL130-0101A5-35AM1B1 Datasheet
2Mb / 14P
These data sheet are applied to the chip type LED lamp
CLL130-0101A5-40AM1B1 CITIZEN-CLL130-0101A5-40AM1B1 Datasheet
809Kb / 14P
These data sheet are applied to the chip type LED lamp
CLL130-0101A5-50CM1A9 CITIZEN-CLL130-0101A5-50CM1A9 Datasheet
1Mb / 14P
These data sheet are applied to the chip type LED lamp
More results

Similar Description - CLL134

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL5801K NJRC-NJL5801K Datasheet
171Kb / 5P
DIGITAL OUTPUT PHOTO REFLECTOR???
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
COSMO Electronics Corp...
KP7010 COSMO-KP7010 Datasheet
231Kb / 2P
High Reliability Digital Output IC Photo IC Photo Coupler
KP7110 COSMO-KP7110 Datasheet
230Kb / 2P
High Reliability Digital Output IC Photo IC Photo Coupler
logo
KODENSHI_AUK CORP.
PIC-2410 KODENSHI-PIC-2410 Datasheet
92Kb / 2P
PHOTO IC SENSORS
logo
New Japan Radio
NJL5802K NJRC-NJL5802K Datasheet
180Kb / 5P
DIGITAL OUTPUT PHOTO REFLECTOR
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
Photo−IC Digital Logic Isolation.
logo
Omron Electronics LLC
EE-SX3133 OMRON-EE-SX3133 Datasheet
95Kb / 4P
Photo IC Output Photomicrosensor (Transmissive)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com