Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1GCF80 Datasheet(PDF) 21 Page - Transcend Information. Inc.

Part # TS1GCF80
Description  80X CompactFlash Card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GCF80 Datasheet(HTML) 21 Page - Transcend Information. Inc.

Back Button TS1GCF80 Datasheet HTML 17Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 18Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 19Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 20Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 21Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 22Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 23Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 24Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 25Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
T
T
TS
S
S3
3
32
2
2M
M
M~
~
~1
1
1G
G
GC
C
CF
F
F8
8
80
0
0
80X CompactFlash Card
Transcend Information Inc.
V1.1
21
3.7 Common Memory Read Timing Specification
Cycle Time Mode:
250 ns
120 ns
100 ns
80 ns
Item
Symbol
IEEE
Symbol
Min
ns.
Max
ns.
Min
ns.
Max
ns.
Min
ns.
Max
ns.
Min
ns.
Ma
x
ns.
Output Enable Access Time
ta(OE)
tGLQV
125
60
50
45
Output Disable Time from OE
tdis(OE)
tGHQZ
100
60
50
45
Address Setup Time
tsu(A)
tAVGL
30
15
10
10
Address Hold Time
th(A)
tGHAX
20
15
15
10
CE Setup before OE
tsu(CE)
tELGL
0
0
0
0
CE Hold following OE
th(CE)
tGHEH
20
15
15
10
Wait Delay Falling from OE
tv(WT-OE
)
tGLWTV
35
35
35
na
1
Data Setup for Wait Release
tv(WT)
tQVWTH
0
0
0
na
1
Wait Width Time2
tw(WT)
tWTLWTH
350
350
350
na
1
Notes:1) –WAIT is not supported in this mode.
2) The maximum load on -WAIT is 1 LSTTL with 50 pF (40pF below 120nsec Cycle Time) total load. All times are in
nanoseconds. Dout signifies data provided by the CompactFlash Storage Card to the system. The -WAIT signal may be ignored
if the -OE cycle to cycle time is greater than the Wait Width time. The Max Wait Width time can be determined from the Card
Information Structure. The Wait Width time meets the PCMCIA PC Card specification of 12µs but is intentionally less in this
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com