Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1GCF80 Datasheet(PDF) 75 Page - Transcend Information. Inc.

Part # TS1GCF80
Description  80X CompactFlash Card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GCF80 Datasheet(HTML) 75 Page - Transcend Information. Inc.

Back Button TS1GCF80 Datasheet HTML 71Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 72Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 73Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 74Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 75Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 76Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 77Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 78Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 79Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
T
T
TS
S
S3
3
32
2
2M
M
M~
~
~1
1
1G
G
GC
C
CF
F
F8
8
80
0
0
80X CompactFlash Card
Transcend Information Inc.
V1.1
75
Address Data
7
6
5
4
3
2
1
0
Description of Contents
CIS function
07Eh
0Ch
Reserved
D
U
S
V
D=0: single drive on card
U=1: unique serial number
S=1: silicon device
V=00: no VPP required
TPLFE_TYPE
080h
0Fh
R
I
E
N
P
I=0: twin IOIS16# unspecified
E=0: index bit not emulated
N=0: I/O includes 0x3F7
P=F(1111):low power, sleep, standby, idle
supported
TPLFE_TYPE
082h
1Ah
CISTPL_CONFIG
Configuration Tuple
Tuple code
084h
05h
TPL_LINK
Link length is 5 bytes
Link to next tuple
086h
01h
RFS RMS RAS
RFS: reserved
RMS: 1 byte register mask
RAS: 2 bytes base address
Size of fields
TPCC_SZ
088h
03h
TPCC_LAST
Last configuration entry is 03H
Last entry index
08Ah
00h
TPCC_RADR (LSB)
Configuration registers are
Configuration
08Ch
02h
TPCC_RADR (MSB)
Located at 0200H
Register location
08Eh
0Fh
TPCC_RMSK
Configuration registers 0 to 3
are present
Configuration register
present mask
090h
1Bh
CISTPL_CFTABLE_ENTRY
Configuration tuple
Tuple code
092h
08h
CISTPL_LINK
Link length is 8 bytes
Link to next tuple
094h
C0h
I
D
Configuration Index
Memory mapped configuration,
index=0
I=1: Interface byte follows
D=1: Default entry
Configuration Table
Index Byte
TPCE_INDX
096h
C0h
W
R
P
B
Interface type
W=1: wait required
R=1: ready/busy active
P=0: WP not used
B=0: BVD1, BVD2 not used
Type=0: Memory interface
Interface
Description
TPCE_IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com