Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS256MSDM Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS256MSDM
Description  numiniSD Memory Card
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS256MSDM Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS256MSDM Datasheet HTML 1Page - Transcend Information. Inc. TS256MSDM Datasheet HTML 2Page - Transcend Information. Inc. TS256MSDM Datasheet HTML 3Page - Transcend Information. Inc. TS256MSDM Datasheet HTML 4Page - Transcend Information. Inc. TS256MSDM Datasheet HTML 5Page - Transcend Information. Inc. TS256MSDM Datasheet HTML 6Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~2
2
2G
G
GS
S
SD
D
DM
M
M
miniSD Memory Card
Transcend Information Inc.
1
Description
Transcend miniSD Card is non-volatile, which
means no external power is required to retain the
information stored on it. Besides, it is also a
solid-state device that without moving parts to skip or
break down. Transcend miniSD Card can offer an
incredible combination of fast data transfer, great
flexibility, excellent security and incredibly small size.
Placement
Front
Back
Features
• ROHS compliant product
• Operating Voltage: 2.7 ~ 3.6V
• Operating Temperature: -25 ~ 85°C
• Insertion/removal durability: 10,000 cycles
• Fully compatible with SD card spec. v1.1
• Comply with SD Association File System Specification
• Forward compatibility to MultiMediaCard Version 2.11
• Supports Copy Protection for Recorded Media(CPRM) for
music and other commercial media
• Form Factor: 21.5mm x 20mm x 1.4mm
9
1
2
3 10 11
4
5
6
7
8
Pin Definition
2GB
Pin
No.
Name
Type
Description
1
CD/DAT3 I/O/PP
3 Card Detect/Data Line [Bit3]
2
CMD
PP
Command/Response
3
VSS1
S
Supply voltage ground
4
VDD
S
Supply voltage
5
CLK
I
Clock
6
VSS2
S
Supply voltage ground
7
DAT0
I/O/PP Data Line [Bit0]
8
DAT1
I/O/PP Data Line [Bit1]
9
DAT2
I/O/PP Data Line [Bit2]
10
NC
4
I/O/PP For Future Use
11
NC
4
I/O/PP For Future Use


Similar Part No. - TS256MSDM

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS256MSDM80 TRANSCEND-TS256MSDM80 Datasheet
211Kb / 8P
128M~2GB miniSD Memory Card
More results

Similar Description - TS256MSDM

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
ID241 SHARP-ID241 Datasheet
22Kb / 1P
Flash Memory Card
ID242 SHARP-ID242 Datasheet
1Mb / 33P
Flash Memory Card
ID246 SHARP-ID246 Datasheet
2Mb / 38P
Flash Memory Card
logo
Transcend Information. ...
TS128MMC4 TRANSCEND-TS128MMC4 Datasheet
338Kb / 11P
MMCplus memory card
TS256MUSD TRANSCEND-TS256MUSD Datasheet
537Kb / 24P
microSD Memory Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
CompactFlash Memory Card
logo
Apacer Technology Inc.
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
flash memory card
SS220-CFAST APACER-SS220-CFAST Datasheet
787Kb / 5P
flash memory card
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
flash memory card
SM230-CFAST APACER-SM230-CFAST Datasheet
1Mb / 4P
flash memory card
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com