Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS128MSDOM7H Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS128MSDOM7H
Description  7P Horizontal Type SATA Flash Modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS128MSDOM7H Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS128MSDOM7H Datasheet HTML 1Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 2Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 3Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 4Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 5Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 6Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 7Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 8Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M7
7
7H
H
H
7P Horizontal Type
SATA Flash Modules
Transcend Information Inc.
V0.1
1
Description
Description
Description
Description
Serial-ATA is designed as a successor to the
legacy SATA standard. The new standard is
dedicated to achieve higher transfer rate with thinner
cables and more reliable operation than Parallel ATA
interface.
SATA
Flash
Modules
is
perfect
replacement storage device for PCs, Laptops,
gaming systems, and handheld devices.
Placement
Placement
Placement
Placement
Features
Features
Features
Features
•
RoHS compliant
•
Fully compatible with devices and OS that support the
SATA 1.0a 1.5Gbps standard
•
7 pin female SATA connector with latch
•
Connect to motherboard directly without cable
•
Non-volatile Flash Memory for outstanding data
retention
•
The on-chip hardware 13/24 bit BCH-ECC engines can
correct up to 24 bit errors per 1,024 byte data.
•
Support global wear-leveling algorithm which ensures
maximum lifespan.
•
Supports
Ultra DMA Mode 0 to 5
Multiword DMA mode 0 to 2
PIO Mode 0 to 4
•
Supports ATA Security Commands
•
Support S.M.A.R.T function (self-definition)
•
Mechanical write-protect switch
•
Low Power Consumption
•
Power Supply: 3.3V ± 5%(UDMA mode 5) / 5.0V ±
10%(UDMA mode 4 or lower)
•
Shock resistance
Dimensions
Dimensions
Dimensions
Dimensions
Side
Millimeters
Inches
A
40.0 ± 0.3
1.57 ± 0.012
B
30.0 ± 0.2
1.18 ± 0.008
C*
24.3 ± 0.5
0.96 ± 0.020
* Please refer to Mechanical Drawing


Similar Part No. - TS128MSDOM7H

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS128MSDOM22V TRANSCEND-TS128MSDOM22V Datasheet
221Kb / 11P
22P Vertical Type SATA Flash Modules
More results

Similar Description - TS128MSDOM7H

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GSDO22H TRANSCEND-TS4GSDO22H Datasheet
1Mb / 11P
22P Horizontal Type SATA Flash Modules
TS128MSDOM22V TRANSCEND-TS128MSDOM22V Datasheet
221Kb / 11P
22P Vertical Type SATA Flash Modules
logo
List of Unclassifed Man...
APSDM001GA5AN-PTW ETC2-APSDM001GA5AN-PTW Datasheet
363Kb / 22P
SATA-Disk Module 4 SDM4 7P/180D Low Profile Specifications
logo
Axiomtek Co., Ltd.
FSA300 AXIOMTEK-FSA300 Datasheet
126Kb / 1P
Flash SATA Disk /mSATA SATA 3 SLC,MLC
FSA301 AXIOMTEK-FSA301 Datasheet
163Kb / 1P
Flash SATA Disk/mSATA Mini SATA 3 SLC, MLC
FSA AXIOMTEK-FSA_17 Datasheet
114Kb / 1P
Flash SATA Disk /SATAIII SLC, MLC
logo
PHOENIX CONTACT
2950064 PHOENIX-2950064 Datasheet
122Kb / 4P
EMG 22-DIO 7P
logo
JMicron Technology Corp...
JMF602 JMICRON-JMF602 Datasheet
96Kb / 3P
SATA II to Flash Controller
JMF608 JMICRON-JMF608 Datasheet
71Kb / 4P
SATA III NAND Flash Controller
logo
Apacer Technology Inc.
SDM5-7P90D-LP APACER-SDM5-7P90D-LP Datasheet
1Mb / 4P
Apacer SDM5 7P/90D LP(H)(SATA Disk Module 7-pin/90 Degree /with housing)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com