Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS128MSDOM7H Datasheet(PDF) 13 Page - Transcend Information. Inc.

Part # TS128MSDOM7H
Description  7P Horizontal Type SATA Flash Modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS128MSDOM7H Datasheet(HTML) 13 Page - Transcend Information. Inc.

Back Button TS128MSDOM7H Datasheet HTML 6Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 7Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 8Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 9Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 10Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 11Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 12Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 13Page - Transcend Information. Inc. TS128MSDOM7H Datasheet HTML 14Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M7
7
7H
H
H
7P Horizontal Type
SATA Flash Modules
Transcend Information Inc.
V0.1
13
Word
Address
Default
Value
Total
Bytes
Data Field Type Information
68
0078h
2
Minimum PIO transfer cycle time with IORDY flow control (120ns)
69-79
0000h
22
Reserved
80
0080h
2
Major revision number
81
0000h
2
Mimor revision number
82
742Bh
2
Command sets supported 0
83
5008h
2
Command sets supported 1
84
4003h
2
Command sets supported 2
85
XXXXh
2
Command sets Enable 0
86
XXXXh
2
Command sets Enable 1
87
4003h
2
Command sets Enable 2
88
003Fh
2
Ultra DMA Mode Supported and Selected
89
0001h
2
Time required for Security erase unit completion (2 min)
90
0000h
2
Time required for Enhanced security erase unit completion
91
0000h
2
Current Advanced power management value
92
0000h
2
Reserved
93
XXXXh
2
Hardware configuration test result
94-127
0000h
68
Reserved
128
0001h
2
Security status (Default)
129-159
0000h
62
Vendor unique bytes
160
0000h
2
Power requirement description
161-255
0000h
190
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com