Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS256MSDOM7H Datasheet(PDF) 10 Page - Transcend Information. Inc.

Part # TS256MSDOM7H
Description  7P Horizontal Type SATA Flash Modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS256MSDOM7H Datasheet(HTML) 10 Page - Transcend Information. Inc.

Back Button TS256MSDOM7H Datasheet HTML 6Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 7Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 8Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 9Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 10Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 11Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 12Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 13Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 14Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M7
7
7H
H
H
7P Horizontal Type
SATA Flash Modules
Transcend Information Inc.
V0.1
10
SMART Command Set
SMART Command Set
SMART Command Set
SMART Command Set
SMART Command Set
SMART Feature Register Values
D0h
Read Data
D5h
Read Log
D1h
Read Attribute Threshold
D6h
Write Log
D2h
Enable/Disable Autosave
D8h
Enable SMART Operations
D3h
Save Attribute Values
D9h
Disable SMART Operations
D4h
Execute OFF-LINE Immediate
DAh
Return Status
1. If reserved size is below the Threshold, the status can be read from Cylinder register by Return Status command (DAh).
SMART Data Structure
BYTE
F / V
Decription
0-1
X
Revision code
2-361
X
Vendor specific
362
V
Off line data collection status
363
X
Self-test execution status byte
364-365
V
Total time in seconds to complete off-line data collection activity
366
X
Vendor specific
367
F
Off-line data collection capability
368-369
F
SMART capability
370
F
Error logging capability
7-1 Reserved
0 1=Device error logging supported
371
X
Vendor specific
372
F
Short self-test routine recommended polling time (in minutes)
373
F
Extended self-test routine recommended polling time (in minutes)
374
F
Conveyance self-test routine recommended polling time (in minutes)
375-385
R
Reserved
386-395
F
Date Code
396-397
F
Number of initial invalid block (396 = MSB, 397 = LSB)
398-399
V
Number of run time bad block (398 = MSB, 399 = LSB)
400
V
Number of spare block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com