Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS256MSDOM7H Datasheet(PDF) 12 Page - Transcend Information. Inc.

Part # TS256MSDOM7H
Description  7P Horizontal Type SATA Flash Modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS256MSDOM7H Datasheet(HTML) 12 Page - Transcend Information. Inc.

Back Button TS256MSDOM7H Datasheet HTML 6Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 7Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 8Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 9Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 10Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 11Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 12Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 13Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 14Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M7
7
7H
H
H
7P Horizontal Type
SATA Flash Modules
Transcend Information Inc.
V0.1
12
ID T
ID T
ID T
ID Table
able
able
able Information
Information
Information
Information
Word
Address
Default
Value
Total
Bytes
Data Field Type Information
044Ah
2
General configuration – Bit Significant with ATA-7 definitions.
1
XXXXh
2
Default number of cylinders
2
0000h
2
Reserved
3
00XXh
2
Default number of heads
4
0000h
2
Obsolete
5
0240h
2
Obsolete
6
XXXXh
2
Default number of sectors per track
7-8
XXXXh
4
Number of sectors per card (Word 7 = MSW, Word 8 = LSW)
9
XXXXh
2
Obsolete
10-19
aaaa
20
Serial number in ASCII (Right Justified)
20
0002h
2
Obsolete
21
0002h
2
Obsolete
22
0000h
2
Number of ECC bytes passed on Read/Write Long Commands
23-26
aaaa
8
Firmware revision in ASCII. Big Endian Byte Order in Word
27-46
aaaa
40
Model number in ASCII (Left Justified) Big Endian Byte Order in Word
47
XXXXh
2
Maximum number of sectors on Read/Write Multiple command
48
0000h
2
Reserved
49
0F00h
2
Capabilities ( Default)
50
0000h
2
Reserved
51
0200h
2
PIO data transfer cycle timing mode (PIO mode 2)
52
0000h
2
Obsolete
53
0007h
2
Field Validity
54
XXXXh
2
Current numbers of cylinders
55
XXXXh
2
Current numbers of heads
56
XXXXh
2
Current sectors per track
57-58
XXXXh
4
Current capacity in sectors (LBAs)(Word 57 = LSW, Word 58 = MSW)
59
0100h
2
Multiple sector setting
60-61
XXXXh
4
Total number of sectors addressable in LBA Mode
62
0000h
2
Reserved
63
0007h
2
Multiword DMA transfer. (Support Multiword mode 0-2)
64
0003h
2
Advanced PIO modes supported (Support PIO mode 3 and PIO mode 4)
65
0078h
2
Minimum Multiword DMA transfer cycle time per word. (120ns)
66
0078h
2
Recommended Multiword DMA transfer cycle time. (120ns)
67
0078h
2
Minimum PIO transfer cycle time without flow control (120ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com