Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1150CS Datasheet(PDF) 1 Page - UNISEM

Part # US1150CS
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1150CS Datasheet(HTML) 1 Page - UNISEM

  US1150CS Datasheet HTML 1Page - UNISEM US1150CS Datasheet HTML 2Page - UNISEM US1150CS Datasheet HTML 3Page - UNISEM US1150CS Datasheet HTML 4Page - UNISEM US1150CS Datasheet HTML 5Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
US1150
2-1
Rev. 1.2
10/28/99
4A ULTRA LOW DROPOUT POSITIVE
ADJUSTABLE REGULATOR
The US1150 product is a 4A regulator with extremely
low dropout voltage using a proprietary Bipolar pro-
cess that achieves comparable equivalent on re-
sistance to that of discrete MOSFETs. This product is
specifically designed to provide well regulated supply for
applications requiring 2.8V or lower voltages from
3.3V ATX power supplies where high efficiency of
a switcher can be achieved without the cost and
complexity associated with switching regulators.
One such application is the new graphic chip sets that
require anywhere from 2.4V to 2.7V supply such as the
Intel I740 chip set.
DESCRIPTION
DESCRIPTION
0.7V Dropout at 4A
Fast Transient Response
1% Voltage Reference Initial Accuracy
Built-in Thermal Shutdown
PRELIMINARY DATASHEET
APPLICATIONS
APPLICATIONS
FEATURES
FEATURES
3.3V to 2.7V Intel I740 chip set.
TYPICAL APPLICATION
TYPICAL APPLICATION
3.3V
US1150
2.7V
C1
C3
1150app1-1.0
5V
C2
R1
R2
1
2
3
4
5
Vsense
Adj
Vout
Vctrl
Vin
Tj (
°C)
5 PIN PLASTIC
5 PIN PLASTIC
8 PIN PLASTIC
TO263 (M)
POWER FLEX (P)
SOIC (S)
0 TO 125
US1150CM
US1150CP
US1150CS
Typical application of US1150 in a 3.3V to 2.7V for I740 chip.
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION


Similar Part No. - US1150CS

ManufacturerPart #DatasheetDescription
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
Thin Client Terminals
logo
Unisonic Technologies
US112N UTC-US112N Datasheet
189Kb / 4P
Suitable to fit all modes of control Found in applications such as Overvoltage crowbar protection
US112NG-4-TA3-T UTC-US112NG-4-TA3-T Datasheet
147Kb / 3P
SCRS
US112NG-6-TA3-T UTC-US112NG-6-TA3-T Datasheet
147Kb / 3P
SCRS
US112NG-8-TA3-T UTC-US112NG-8-TA3-T Datasheet
147Kb / 3P
SCRS
More results

Similar Description - US1150CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1150 IRF-IRU1150 Datasheet
45Kb / 6P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Rev.1.1 Sep 7, 2004
logo
International Rectifier
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Diodes Incorporated
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
1.5A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com