Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1150CS Datasheet(PDF) 2 Page - UNISEM

Part # US1150CS
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1150CS Datasheet(HTML) 2 Page - UNISEM

  US1150CS Datasheet HTML 1Page - UNISEM US1150CS Datasheet HTML 2Page - UNISEM US1150CS Datasheet HTML 3Page - UNISEM US1150CS Datasheet HTML 4Page - UNISEM US1150CS Datasheet HTML 5Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US1150
2-2
Rev. 1.2
10/28/99
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Vin)
........................................................... 7V
Control Input Voltage (Vctrl) .................................................. 14V
Power Dissipation............................................. Internally Limited
Storage Temperature Range ................................... -65
°C TO 150°C
Operating Junction Temperature Range ..................... 0
°C TO 150°C
PACKAGE INFORMATION
PACKAGE INFORMATION
8 PIN PLASTIC SOIC ( S )
5 PIN PLASTIC TO263 ( M )
5 PIN PLASTIC POWER FLEX (P)
θJA=55°C/W for 1" Sq pad area
θJA=35°C/W for 0.5" square pad
θJA=35°C/W for 0.5" square pad
ELECTRICAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Unless otherwise specified ,these specifications apply over ,Cin=1uF,Cout=10uF, and Tj=0 to 125
°C.Typical
values refer to Tj=25
°C. Vout=Vsense.
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Reference Voltage
Vref
Vctrl=2.75V,Vin=2V,Io=10mA
1.243
1.250
1.257
V
Tj=25,Vadj=0V
Vctrl=2.7to12V,Vin=2.05V to 5.5V, 1.237
1.250
1.263
Io=10mA to 4A,Vadj=0V
Line Regulation
Vctrl=2.5Vto7V,Vin=1.75Vto5.5V
,Io=10mA ,Vadj=0V
3
mV
Load Regulation (note 1)
Vctrl=2.75V,Vin=2.1V,Io=10mA
to 4A,Vadj=0V
5
mV
Dropout Voltage (note 2)
Vadj=0V for all conditions below.
(Vctrl - Vout)
Vin=2.05V,Io=1.5A
1.15
V
Vin=2.05V,Io=3A
1.18
Vin=2.05V,Io=4A
1.10
1.25
Dropout Voltage (note 2)
Vadj=0V for all conditions below.
(Vin - Vout)
Vctrl=2.75V,Io=1.5A
0.26
0.38
V
Vctrl=2.75V,Io=3A
0.50
0.60
Vctrl=2.75V,Io=4A
0.70
0.85
Current Limit
Vctrl=2.75V,Vin=2.05V,
dVo=100mV Vadj=0V
4.2
A
Minimum Load Current (note 3)
Vctrl=5V,Vin=3.3V,Vadj=0V,
5
10
mA
Thermal Regulation
30 mS Pulse
0.01
0.02
%/W
Ripple Rejection
Vctrl=5V,Vin=5V,Io=4A,Vadj=0V
60
70
dB
Tj=25,Vripple=1Vpp at 120Hz
FRONT VIEW
1
2
3
4
5
Vsense
Adj
Vout
Vctrl
Vin
4
3
2
1
5
6
7
8
TOP VIEW
Vout
Vsense
Adj
Vin
Vctrl
Vout
Vout
Vout
FRONT VIEW
1
2
3
4
5
Vsense
Adj
Vout
Vctrl
Vin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com