Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH190P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLRH190P
Description  Panel Circuit Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH190P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLRH190P Datasheet HTML 1Page - Toshiba Semiconductor TLRH190P Datasheet HTML 2Page - Toshiba Semiconductor TLRH190P Datasheet HTML 3Page - Toshiba Semiconductor TLRH190P Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLRH190P(F)
2006-01-20
1
TOSHIBA LED Lamp InGaAℓP Red Light Emission
TLRH190P(F)
Panel Circuit Indicator
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 10 mm package
• InGaAℓP technology
• All plastic mold type.
• Colorless clear lens
• Low drive current, high intensity red light emission
Recommended forward current: IF = 1~20mA (DC)
• All plastic molded lens, provides an excellent on−off contrast ratio.
• Fast response time, capable of pulse operation.
• High power luminous intensity
• Without stand−offs
• Applications: Suitable for outdoor message signboard, safety
equipment.
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current (DC)
IF
50
mA
Reverse voltage
VR
4
V
Power dissipation
PD
125
mW
Operating temperature range
Topr
−30~85
°C
Storage temperature range
Tstg
−40~120
°C
Electrical And Optical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 20 mA
⎯
1.9
2.5
V
Reverse current
IR
VR = 4 V
⎯
⎯
50
µA
TLRH190P(F)
4760
19000
⎯
Luminous
intensity
TLRH190P (WX,F)
IV
IF = 20 mA
(Note)
8500
⎯
41400
mcd
Peak emission wavelength
λP
IF = 20 mA
⎯
(644)
⎯
nm
Spectral line half width
∆λ
IF = 20 mA
⎯
18
⎯
nm
Dominant wavelength
λd
IF = 20mA
⎯
630
⎯
nm
(Note):Lamps are classified into the following ranks according to their luminous intensity,and packed in
boxes by each rank.
V: 4760−12900mcd, W: 8500−23000mcd, X: 15300mcd−
Unit in mm
1
2
JEDEC
―
EIAJ
―
TOSHIBA
4-10F2
Weight: 1.0 g
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com


Similar Part No. - TLRH190P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
TOSHIBA LED Lamp InGaALP Red Light Emission
logo
Marktech Corporate
TLRH190P MARKTECH-TLRH190P Datasheet
224Kb / 5P
Toshiba TLxH190 Series LEDs
More results

Similar Description - TLRH190P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
Panel Circuit Indicator
TLGU13CP TOSHIBA-TLGU13CP Datasheet
257Kb / 7P
Panel Circuit Indicator
TLGU53T TOSHIBA-TLGU53T_07 Datasheet
266Kb / 9P
Panel Circuit Indicator
TLOU123 TOSHIBA-TLOU123_07 Datasheet
193Kb / 6P
Panel Circuit Indicator
TLOU180P TOSHIBA-TLOU180P_07 Datasheet
201Kb / 6P
Panel Circuit Indicator
TLOU267 TOSHIBA-TLOU267_07 Datasheet
180Kb / 4P
Panel Circuit Indicator
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com