Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGD1050 Datasheet(PDF) 3 Page - Marktech Corporate

Part # TLEGD1050
Description  TOSHIBA LED Lamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLEGD1050 Datasheet(HTML) 3 Page - Marktech Corporate

  TLEGD1050 Datasheet HTML 1Page - Marktech Corporate TLEGD1050 Datasheet HTML 2Page - Marktech Corporate TLEGD1050 Datasheet HTML 3Page - Marktech Corporate TLEGD1050 Datasheet HTML 4Page - Marktech Corporate TLEGD1050 Datasheet HTML 5Page - Marktech Corporate TLEGD1050 Datasheet HTML 6Page - Marktech Corporate TLEGD1050 Datasheet HTML 7Page - Marktech Corporate TLEGD1050 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLBD1050(T20),TLEGD1050(T20)
2007-5-17
3
Optical Characteristics-1 (Ta
= 25°C)
Luminous Intensity IV
Product Name
Min
Typ
Max
IF
Corresponding brightness rank
sign(Note 1)
TLBD1050
153
400
20
−
TLEGD1050
476
1300
20
−
Unit
mcd
mcd
mcd
mA
Note 1: The brightness rank classification executes based on the following rank table, and
is classified by the reel.
However, the delivery ratio of each classification is not defined.
Optical Characteristics-2 (Ta
= 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
∆λ
Dominant Wavelength
λd
Product Name
Min
Typ
Max
Typ
Min
Typ
Max
IF
TLBD1050
468
25
463
470
479
TLEGD1050
518
35
518
528
540
20
Unit
nm
nm
nm
mA
Note 2: Caution
• ESD withstand voltage according to MIL STD 883D, Method 3015.7 : =1000V
• When handling this LED, take the following measures to prevent the LED from being damaged or otherwise
adversely affected.
1) Use a conductive tablemat and conductive floor mat, and ground the workbench and floor.
2) Operators handling laser diodes must be grounded via a high resistance (about 1MO). A conductive strap is
good for this purpose.
3) Ground all tools including soldering irons.
• This product is designed as general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor , optical communication and etc) .



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com