Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGD1050 Datasheet(PDF) 2 Page - Marktech Corporate

Part # TLEGD1050
Description  TOSHIBA LED Lamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLEGD1050 Datasheet(HTML) 2 Page - Marktech Corporate

  TLEGD1050 Datasheet HTML 1Page - Marktech Corporate TLEGD1050 Datasheet HTML 2Page - Marktech Corporate TLEGD1050 Datasheet HTML 3Page - Marktech Corporate TLEGD1050 Datasheet HTML 4Page - Marktech Corporate TLEGD1050 Datasheet HTML 5Page - Marktech Corporate TLEGD1050 Datasheet HTML 6Page - Marktech Corporate TLEGD1050 Datasheet HTML 7Page - Marktech Corporate TLEGD1050 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLBD1050(T20),TLEGD1050(T20)
2007-5-17
2
Maximum Ratings (Ta
= 25°C)
Electrical Characteristics (Ta
= 25°C)
Forward Voltage
VF
Reverse Current
IR
Product
Name
Min.
Typ.
Max
IF
Max.
VR
TLBD1050
2.7
3.3
4.0
TLEGD1050
2.7
3.3
4.0
20
10
4
Unit
V
mA
µA
V
Product
Name
Forward Current
IF(mA)
Reverse Voltage
VR(V)
Power Dissipation
PD(mW)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
TLBD1050
30
4
120
−40~85
−40~110
TLEGD1050
30
4
120
−40~100
−40~110
Ambient temperature
Ta
(°C)
IF – Ta
0
0
20
40
60
80
100
120
5
10
15
20
25
30
35
TLBD1050
TLEGD1050



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com