Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGD1050 Datasheet(PDF) 10 Page - Marktech Corporate

Part # TLEGD1050
Description  TOSHIBA LED Lamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLEGD1050 Datasheet(HTML) 10 Page - Marktech Corporate

  TLEGD1050 Datasheet HTML 1Page - Marktech Corporate TLEGD1050 Datasheet HTML 2Page - Marktech Corporate TLEGD1050 Datasheet HTML 3Page - Marktech Corporate TLEGD1050 Datasheet HTML 4Page - Marktech Corporate TLEGD1050 Datasheet HTML 5Page - Marktech Corporate TLEGD1050 Datasheet HTML 6Page - Marktech Corporate TLEGD1050 Datasheet HTML 7Page - Marktech Corporate TLEGD1050 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 10 / 8 page
background image
TLBD1050(T20),TLEGD1050(T20)
2007-5-17
10
7.Label format
(1)
)
Example:TLBD1050(T20)
*See below for how to decipher the Lot Number.
P/N:
TYPE TLBD1050
ADDC (T20)
Q‘
TY 400pcs
400
TOSHIBA
Lot. Number & Symbol for control
(Rank symbol)
Use under 5-30degC/70%RH within 72h
[[
G]]/ RoHS COMPATIBLE
*(Y)380□□□□
400 Symbol for control
SEALED May,17,2007
DIFFUSED IN USA
ASSEMBLED IN JAPAN
‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖
‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖‖
(2)
Label location
*The Lot Number includes the following information.
Example: 270 7 E 2 G
→ “Packaged May 17, 2007”
a
b c d e
a:
Domestic ID
b:
Last digit of the year (CE): “0” (Y2000), “1” (Y2001), “2” (Y2002) ~ “9” (Y2009)
Repeated for each decade
c:
Month: “A” (Jan), “B” (Feb), “C” (Mar) ~ “L” (Dec)
d:
Decade of the month: “1” (First), “2” (Middle), “3” (Last)
e:
Day in d above: “A” (1st), “B” (2nd), “C” (3rd) ~ “J” (9th), “K” (10th)
“L” denotes the 31st of the month
“I” is not used to denote a day in this date system
Tape reel direction
Label position
Label position
•
Reel
•
Carton
•
The aluminum package in which the reel is supplied also has a copy of the label
attached to the center of one side.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com