Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US431ALCS Datasheet(PDF) 2 Page - UNISEM

Part # US431ALCS
Description  LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US431ALCS Datasheet(HTML) 2 Page - UNISEM

  US431ALCS Datasheet HTML 1Page - UNISEM US431ALCS Datasheet HTML 2Page - UNISEM US431ALCS Datasheet HTML 3Page - UNISEM US431ALCS Datasheet HTML 4Page - UNISEM US431ALCS Datasheet HTML 5Page - UNISEM US431ALCS Datasheet HTML 6Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
US431L/431AL
2-2
Rev. 1.2
5/11/98
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Reference Voltage
Vref
IK=10mA,VKA=Vref,Ta=25
°C
1.228
1.240
1.252
V
US431L
IK=10mA,VKA=Vref
1.221
1.240
1.259
Reference Voltage
Vref
IK=10mA,VKA=Vref,Ta=25
°C
1.234
1.240
1.246
V
US431AL
IK=10mA,VKA=Vref
1.228
1.240
1.252
Vref deviation over full
Vref(dev)
VKA=Vref, IK=10mA
4
12
mV
temperature range
Note 1
Ratio of Vref change to
dVref/dVKA
IK=10mA , dVKA=Vref to 6 V
-1.5
-2.7
mV/V
Cathode voltage change
Reference pin current
IK=10mA , R1=10k
Ω , R2=open
0.15
0.5
uA
Iref deviation over full
Iref(dev)
IK=10mA , R1=10k
Ω , R2=open
0.05
0.3
uA
temperature range
Note 1
Minimum cathode current
IK(min)
VKA=Vref
55
80
uA
Off state cathode current
Ioff
VKA=6V , Vref=0V
0.001
0.1
uA
Dynamic impedance
Zka0
VKA=Vref, f<1 kHz,
0.25
0.4
Ω
IK=0.1 to 15 mA , Note 2
Unless otherwise specified ,these specifications apply over Ta=0 to 70
°C, CO =1uF. Typical values refer to
Ta=25
°C.Low duty cycle pulse testing are used which keeps junction and case temperatures equal to the
ambient temperature.
Note 2 :
Note 1 : The deviation parameters, Vref(dev) and Iref(dev) are
defined as the differences between the maximum and the minimum
values obtained over the rated temperature range. The average full
range temperature coeficient of the reference input voltage is de-
fined as :
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Vin)
.............................................................
7V
Continuous Cathode Current Range ......................................... -20 mA to +20 mA
Reference Current Range ...................................................... -0.05 mA to 3 mA
Storage Temperature Range ................................
-65
°C TO 150°C
Operating Junction Temperature Range ...................... 0
°C TO 150°C
PACKAGE INFORMATION
PACKAGE INFORMATION
5 PIN SOT 23 (L)
3 PIN PLASTIC TO-92 (Z)
8 PIN PLASTIC SOIC (S)
θJA = 450°C/W
θJA= 162°C/W
θJA=160°C/W
ELECTRICAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
α
α
α
Vref
Vref dev
Vref
C
T
Vref
T
Vref can b
A
A
=
°
 ×
°
(
)
(
)
25
10
6
∆
∆
Where:
unit is ppm/ C
is the rated operating free air temperature
of the device.
e positive or negative depending on whether
minimum Vref or maximum Vref, respectively occurs at the
lower temperature.
Thedynamic
VKA
IK
When the d
V
I
R
R
impedance when VKA = Vref is defined as :
Zka0
evice is operating with two external
resistors (see Figure 2), the total dynamic impedance
of the circuit is given by:
Zka
Zka0
=
=
=
× +


∆
∆
∆
∆
1
1
2
3
2
1
4
5
TOP VIEW
Anode
Ref
NC
NC
Cathode
1
2
3
BOTTOM VIEW
Ref
Anode
Cathode
4
3
2
1
5
6
7
8
TOP VIEW
NC
NC
Anode
Anode
NC
NC
Ref
Cathode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com