Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US431ALCS Datasheet(PDF) 5 Page - UNISEM

Part # US431ALCS
Description  LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US431ALCS Datasheet(HTML) 5 Page - UNISEM

  US431ALCS Datasheet HTML 1Page - UNISEM US431ALCS Datasheet HTML 2Page - UNISEM US431ALCS Datasheet HTML 3Page - UNISEM US431ALCS Datasheet HTML 4Page - UNISEM US431ALCS Datasheet HTML 5Page - UNISEM US431ALCS Datasheet HTML 6Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
US431L/431AL
2-5
Rev. 1.2
5/11/98
In our previous example, the maximum power dissipa-
tion of the device is calculated under no load and maxi-
mum input supply condition.
The maximum power is calculated using the following
equation :
As shown in the power dissipation table, both packages
can handle this power dissipation.
Stability
The US431L has many different regions of stability do-
main as a function of the cathode current which are typi-
cal characteristics of the 3 terminal shunt regulators.
However in general the device will be unconditionaly
stable for any cathode current if the capacitor, CO =
1 uF or bigger is connected from Cathode to Anode
pins. If the cathode current is always kept higher than
500uA under minimum line and maximum load condi-
tions , the CO can be cut to 0.01uF and the system will
be stable.
P
V
V
Where :
P
P
MAX
KA
MAX
MAX
MAX
=
× 


=
=
× 


=
- V
R
Maximum power dissipation of the 431L
For our example :
- 3.3
100
mW
KA
B
3 3
6
89
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com