Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMA5821 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # CSMA5821
Description  3.0Amp. Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSMA5821 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  CSMA5821 Datasheet HTML 1Page - Cystech Electonics Corp. CSMA5821 Datasheet HTML 2Page - Cystech Electonics Corp. CSMA5821 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C330SA
Issued Date : 2003.04.09
Revised Date :
Page No. : 3/3
CSMA582XSA
CYStek Product Specification
SMA/DO-214AC Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.177
0.185
4.4
4.8
E
0.060
0.067
1.5
1.7
B
0.094
0.110
2.4
2.8
F
0.04(typ)
1.0(typ)
C
0.012(typ)
0.3(typ)
G
0.04(typ)
1.0(typ)
D
0.150
0.165
3.8
4.2
-
-
-
-
-
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
B
A
C
D
E
F
G
SMA Plastic Surface
Mounted Package
CYStek Package Code:SA
Marking Code:
Device CSMA5820 CSMA5821 CSMA5822
Code
SK32
SK33
SK34



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com