Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMA5821 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CSMA5821
Description  3.0Amp. Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSMA5821 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CSMA5821 Datasheet HTML 1Page - Cystech Electonics Corp. CSMA5821 Datasheet HTML 2Page - Cystech Electonics Corp. CSMA5821 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C330SA
Issued Date : 2003.04.09
Revised Date :
Page No. : 1/3
CSMA582XSA
CYStek Product Specification
3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA582XSA Series
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
• Case: SMA/DO-214AC molded plastic.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Packaging: 12mm tape per EIA STD RS-481.
• Weight: 0.064 gram, 0.002 ounce
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. )
Type
Parameter
Conditions
Symbol CSMA
5820
CSMA
5821
CSMA
5822
Units
Repetitive peak reverse
voltage
VRRM
20
30
40
V
Maximum RMS voltage
VRMS
14
21
28
V
Maximum DC blocking
voltage
VR
20
30
40
V
Maximum instantaneous
forward voltage
IF=3A (Note 1)
VF
0.475 0.500 0.525
V
Maximum average forward
rectified current
IO
3
A
Peak forward surge current
8.3ms single half sine wave superimposed
on rated load(JEDEC method)
IFSM
80
A
VR=VRRM,TA=25℃(Note 1)
2
mA
Maximum DC reverse
current
VR=VRRM,TA=125℃(Note 1)
IR
20
mA
Maximum thermal
resistance
Junction to ambient(Note 2)
Rth,JA
80 (typ)
℃
/w
Diode junction capacitance
f=1MHz and applied 4V reverse voltage
CJ
250 (typ)
pF
Storage temperature
Tstg
-55~+150
℃
Operating temperature
TJ
-55~+125
℃
Notes : 1.Pulse test, pulse width=300μsec, 2% duty cycle
2.Mounted on PCB with 14mm² (0.013mm thickness) copper pad area.


Similar Part No. - CSMA5821

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMA5817 CYSTEKEC-CSMA5817 Datasheet
142Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSMA5818 CYSTEKEC-CSMA5818 Datasheet
142Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSMA5819 CYSTEKEC-CSMA5819 Datasheet
142Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSMA581XSA CYSTEKEC-CSMA581XSA Datasheet
142Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - CSMA5821

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMA320-3100SA CYSTEKEC-CSMA320-3100SA Datasheet
144Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3BSA CYSTEKEC-SK3BSA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3XSB CYSTEKEC-SK3XSB Datasheet
218Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK34SA CYSTEKEC-SK34SA Datasheet
257Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK36SA CYSTEKEC-SK36SA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK38SA CYSTEKEC-SK38SA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK320SC CYSTEKEC-SK320SC Datasheet
194Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK340SC CYSTEKEC-SK340SC Datasheet
194Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3150SB CYSTEKEC-SK3150SB Datasheet
256Kb / 4P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3100SC CYSTEKEC-SK3100SC Datasheet
367Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com