Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11047 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11047
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11047 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11047 Datasheet HTML 7Page - Maxim Integrated Products MAX11047 Datasheet HTML 8Page - Maxim Integrated Products MAX11047 Datasheet HTML 9Page - Maxim Integrated Products MAX11047 Datasheet HTML 10Page - Maxim Integrated Products MAX11047 Datasheet HTML 11Page - Maxim Integrated Products MAX11047 Datasheet HTML 12Page - Maxim Integrated Products MAX11047 Datasheet HTML 13Page - Maxim Integrated Products MAX11047 Datasheet HTML 14Page - Maxim Integrated Products MAX11047 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
______________________________________________________________________________________
11
where VFAULT_MAX is the maximum voltage that the
source produces during a fault condition.
Figures 2 and 3 illustrate the clamp circuit voltage-cur-
rent characteristics for a source impedance RS =
1280
Ω. While the input voltage is within the range of
-300mV to +(VAVDD + 300mV), no current flows in the
input clamps. Once the input voltage goes beyond this
voltage range, the clamps turn on and limit the voltage
at the input pin.
Applications Information
Digital Interface
The bidirectional, parallel, digital interface, DB0–DB3,
sets the 4-bit configuration register. This interface
configures the following control signals: chip select
(
CS), read (RD), write (WR), end of conversion (EOC),
and convert start (CONVST). Figures 6 and 7 and the
Timing Characteristics in the
Electrical Characteristics
table show the operation of the interface. DB0–DB3,
together with the output-only DB4–DB15, also output
the 16-bit conversion result. All bits are high imped-
ance when
RD = 1 or CS = 1.
R
VV
mA
S
FAULT MAX
=
−
_
7
20
MAX11047
MAX11048
MAX11049
CLAMP
S/H
16-BIT ADC
CLAMP
SOURCE
INPUT
SIGNAL
PIN
VOLTAGE
RS
S/H
16-BIT ADC
REF
BUF
CONFIGURATION
REGISTERS
INTERFACE
AND
CONTROL
BANDGAP
REFERENCE
CH0
AVDD
AGNDs
AGND
CH7
DB15
DB0
DB3
DB4
EOC
SHDN
CONVST
CS
RD
WR
DGND
DVDD
RDC
REFIO
INT REF
EXT REF
Figure 1. Required Setup for Clamp Circuit
SIGNAL VOLTAGE AT SOURCE AND CH_ INPUT (V)
30
20
0
10
-10
-20
-20
-15
-10
-5
0
5
10
15
20
25
-25
-30
40
RS = 1170I
VAVDD = 5.0V
AT SOURCE
AT CH_ INPUT
Figure 2. Input Clamp Characteristics
SIGNAL VOLTAGE AT SOURCE AND CH_ INPUT (V)
6
4
2
0
-2
-4
8
-20
-15
-10
-5
10
15
20
25
-25
0
5
RS = 1170I
VAVDD = 5.0V
AT CH_ INPUT
AT SOURCE
Figure 3. Input Clamp Characteristics (Zoom In)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com