Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11047 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11047
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11047 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11047 Datasheet HTML 9Page - Maxim Integrated Products MAX11047 Datasheet HTML 10Page - Maxim Integrated Products MAX11047 Datasheet HTML 11Page - Maxim Integrated Products MAX11047 Datasheet HTML 12Page - Maxim Integrated Products MAX11047 Datasheet HTML 13Page - Maxim Integrated Products MAX11047 Datasheet HTML 14Page - Maxim Integrated Products MAX11047 Datasheet HTML 15Page - Maxim Integrated Products MAX11047 Datasheet HTML 16Page - Maxim Integrated Products MAX11047 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
______________________________________________________________________________________
13
Transfer Functions
Figures 8 and 9 show the transfer functions for all the
formats and devices. Code transitions occur halfway
between successive-integer LSB values.
Layout, Grounding, and Bypassing
For best performance, use PCBs with ground planes.
Ensure that digital and analog signal lines are separated
from each other. Do not run analog and digital lines paral-
lel to one another (especially clock lines), and avoid run-
ning digital lines underneath the ADC package. A single
solid GND plane configuration with digital signals routed
from one direction and analog signals from the other pro-
vides the best performance. Connect DGND, AGND, and
AGNDS pins on the MAX11047/MAX11048/MAX11049 to
this ground plane. Keep the ground return to the power
supply for this ground low impedance and as short as
possible for noise-free operation.
To achieve the highest performance, connect all the
RDC outputs to a local RDC plane on the PCB. Bypass
the RDC outputs with a total of at least 80μF of capaci-
tance. For example, if two capacitors are used, place
two 47μF, 10V X5R capacitors in 1210 case size as
close as possible to pins 22 and 49. Alternatively, if four
capacitors are used, place four 22μF, 10V X5R capaci-
tors in 1210 case size as close as possible to pins 22,
28, 43, and 49. Ensure that each capacitor is connect-
ed directly into the GND plane with an independent via.
In cases where Y5U or Z5U ceramics are used, select
higher voltage rating capacitors to compensate for the
high-voltage coefficient of these ceramic capacitors,
thus ensuring that at least 80μF of capacitance is on
the RDC plane when the plane is driven to 4.096V by
the internal reference buffer. For example, at 4.096V, a
22μF X5R ceramic capacitor with a 10V rating diminish-
es to only 20μF, whereas the same capacitor in Y5U
ceramic at 4.096V decreases to about 13μF. However,
a 22μF Y5U ceramic capacitor with a 25V rating capac-
itor is approximately 20μF at 4.096V.
Bypass AVDD and DVDD to the ground plane with
0.1μF ceramic chip capacitors on each pin as close as
possible to the device to minimize parasitic inductance.
Add at least one bulk 10μF decoupling capacitor to
AVDD and DVDD per PCB. Interconnect all of the
AVDD inputs and DVDD inputs using two solid power
planes. For best performance, bring the AVDD power
plane in on the analog interface side of the MAX11047/
MAX11048/MAX11049 and the DVDD power plane from
the digital interface side of the device.
For sampling periods near minimum (1μs) use a 1nF
C0G ceramic chip capacitor between each of the chan-
nel inputs to the ground plane as close as possible to the
MAX11047/MAX11048/MAX11049. This capacitor
reduces the inductance seen by the sampling circuitry
and reduces the voltage transient seen by the input
source circuit.
Sn
Sn + 1
t8
t12
t13
t9
t10
t11
RD
(USER SUPPLIED)
CS
(USER SUPPLIED)
D0–D15
Figure 5. Readout Timing Requirements
CONFIGURATION
REGISTER
t6
t3
t4
t5
t7
WR
(USER SUPPLIED)
CS
(USER SUPPLIED)
D0–D15
(USER SUPPLIED)
Figure 4. Programming Configuration-Register Timing
Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com