Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW640 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW640
Description  General Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW640 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW640 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14.4A
12A
8.0A
4.0A
1.6A
0.80A 0.40A
0.20A
5.10
6.90
5.70
6.00
6.30
6.60
5.40
4.80
4.50
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
3.90
4.20
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
Capacity
25
(77
)
Internal Resistance
Self-Discharge
at 25
(77
)
Charge
(constant
Voltage)
4.00 AH
3.70 AH
3.40 AH
2.40 AH
1.5 hour discharge to 5.25 V
Full charged Battery at 25 (77 )
1.6 A
30 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T1
Initial Charging Current less than 1.6A
Voltage 7.20-7.35V
Voltage 6.75-6.90 V
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
4.80V
5.10V
5.25V
5.40V
5.55V
6 V
4.0 Ah
106.5 mm(4.19 inches)
102.5 mm(4.04inches)
70 mm(2.76 inches)
47 mm(1.85 inches)
0.72 Kg(1.59 lbs)
20 hour rate(0.20A)
10 hour rate(0.37A)
5 hour rate(0.68A)
1 hour rate(2.40A)
SW640(6V4.0AH)
70
47
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
3.4
7.85


Similar Part No. - SW640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW640 ETC1-SW640 Datasheet
582Kb / 6P
N-Channel MOSFET
logo
Shenzhen Sunnyway Batte...
SW640 SUNNYWAY-SW640 Datasheet
397Kb / 1P
General Battery
SW640 SUNNYWAY-SW640 Datasheet
391Kb / 1P
General Battery
logo
Xian Semipower Electron...
SW640 SEMIPOWER-SW640 Datasheet
784Kb / 7P
N-channel MOSFET
SW640D SEMIPOWER-SW640D Datasheet
767Kb / 6P
N-channel Enhanced mode TO-220/TO-220FT/TO-263 MOSFET
More results

Similar Description - SW640

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW633 SUNNYWAY-SW633 Datasheet
420Kb / 1P
General Battery
SW660 SUNNYWAY-SW660_1 Datasheet
344Kb / 1P
General Battery
SW680 SUNNYWAY-SW680 Datasheet
400Kb / 1P
General Battery
SW1208 SUNNYWAY-SW1208 Datasheet
343Kb / 1P
General Battery
SW1215 SUNNYWAY-SW1215 Datasheet
429Kb / 1P
General Battery
SW1215 SUNNYWAY-SW1215_1 Datasheet
414Kb / 1P
General Battery
SW1223 SUNNYWAY-SW1223 Datasheet
413Kb / 1P
General Battery
SW1226 SUNNYWAY-SW1226 Datasheet
383Kb / 1P
General Battery
SW1226 SUNNYWAY-SW1226_1 Datasheet
424Kb / 1P
General Battery
SW1233 SUNNYWAY-SW1233 Datasheet
382Kb / 1P
General Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com