Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW640 Datasheet (PDF) - List of Unclassifed Manufacturers

SW640 Datasheet PDF - List of Unclassifed Manufacturers
Part # SW640
Download  SW640 Download
File Size   582.65 Kbytes
Page   6 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description N-Channel MOSFET

SW640 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW640 Datasheet PDF - List of Unclassifed Manufacturers

Part # SW640
Download  SW640 Click to download

File Size   582.65 Kbytes
Page   6 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description N-Channel MOSFET

SW640 Datasheet (HTML) - List of Unclassifed Manufacturers


SW640 Product details

[SEMIPOWER]

General Description
This power MOSFET is produced in SAMWIN with advanced VDMOS process, planar stripe.This technology enable power MOSFET to have better characteristics, such as fast switching time, low on resistance, low gate charge and especially excellent avalanche characteristics. It is mainly suitable for half bridge or full bridge resonant topology like a electronic ballast, and also low power switching mode power appliances.

Features
   N-Channel MOSFET
   BVDSS(Minimum)                 : 200 V
   RDS(ON)(Maximum)             : 0.18 ohm
   ID                                          : 18A
   Qg (Typical)                          : 40 nc
   PD(@TC=25)                       : 139 W




Similar Part No. - SW640

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW640 SUNNYWAY-SW640 Datasheet
397Kb / 1P
General Battery
SW640 SUNNYWAY-SW640 Datasheet
391Kb / 1P
General Battery
SW640 SUNNYWAY-SW640 Datasheet
352Kb / 1P
General Battery
logo
Xian Semipower Electron...
SW640 SEMIPOWER-SW640 Datasheet
784Kb / 7P
N-channel MOSFET
SW640D SEMIPOWER-SW640D Datasheet
767Kb / 6P
N-channel Enhanced mode TO-220/TO-220FT/TO-263 MOSFET
More results


Similar Description - SW640

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com