Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW640 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SW640
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW640 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SW640 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SAMWIN
SW640
REV0.2
05.6.9
Features
N-Channel MOSFET
BV
DSS (Minimum)
R
DS(ON) (Maximum)
I
D
Qg (Typical)
P
D (@TC=25
)
General Description
This power MOSFET is produced in SAMWIN with
advanced VDMOS process, planar stripe.This
technology enable power MOSFET to have better
characteristics, such as fast switching time, low on
resistance, low gate charge and especially excellent
avalanche characteristics. It is mainly suitable for
half bridge or full bridge resonant topology like a
electronic ballast, and also low power switching
mode power appliances.
Absolute Maximum Ratings
300
Maximum Lead Temperature for soldering purpose, 1/8 from Case
for 5 seconds.
T
L
-55~+150
Operating junction temperature &Storage temperature
T
STG,TJ
W/
1.10
Derating Factor above 25
W
139
Total Power Dissipation (@Tc=25
)
P
D
V/ns
5.5
Peak Diode Recovery dv/dt
(Note 3)
dv/dt
mJ
13.9
Repetitive Avalanche Energy
(Note 1)
E
AR
mJ
250
Single Pulsed Avalanche Energy
(Note 2)
E
AS
V
30
Gate to Source Voltage
V
GS
A
72
Drain Current Pulsed
(Note 1)
I
DM
A
11.4
Continuous Drain Current (@Tc=100
)
A
18
Continuous Drain Current (@Tc=25
)
I
D
V
200
Drain to Source Voltage
V
DSS
Units
Value
Parameter
Symbol
Thermal Characteristics
/ W
62.5
-
-
Thermal Resistance, Junction-to-Ambient
R
JA
/ W
0.5
-
-
Thermal Resistance, Case-to-Sink
R
CS
/ W
0.9
-
-
Thermal Resistance, Junction-to-Case
R
JC
Max
Typ
Min
Units
Value
Parameter
Symbol
1/6
: 200 V
: 0.18 ohm
: 18A
: 40 nc
: 139 W
G
S
D


Similar Part No. - SW640

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW640 SUNNYWAY-SW640 Datasheet
397Kb / 1P
General Battery
SW640 SUNNYWAY-SW640 Datasheet
391Kb / 1P
General Battery
SW640 SUNNYWAY-SW640 Datasheet
352Kb / 1P
General Battery
logo
Xian Semipower Electron...
SW640 SEMIPOWER-SW640 Datasheet
784Kb / 7P
N-channel MOSFET
SW640D SEMIPOWER-SW640D Datasheet
767Kb / 6P
N-channel Enhanced mode TO-220/TO-220FT/TO-263 MOSFET
More results

Similar Description - SW640

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com