Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW640 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SW640
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW640 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SW640 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SAMWIN
SW640
REV0.2
05.6.9
3/6
Fig 1. On-State Characteristics
Fig 3. On Resistance Variation vs.
Drain Current and Gate Voltage
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 2. Transfer Characteristics
Fig 6. Gate Charge Characteristics
Fig 5. Capacitance Characteristics
(Non-Repetitve)
2
4
6
8
10
0.1
1
10
25
oC
150
oC
Note:
1.V
DS
=50V
2.250us pulse test.
V
GS
, Gate-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
150
oC
25
oC
V
SD
,Source-Drain Voltage[V]
Note:
1.v
GS
=0v
2.250us test
0
10
20
30
40
50
0
2
4
6
8
10
12
Note:I
D
=18A
Q
G
,Total Gate Charge [nC]
V
DS
=160V
V
DS
=100V
V
DS
=40V
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
V
GS
=10V
V
GS
=20V
Note:T
J
=25
o
C
I
D
, Drain Current[A]
0.1
1
10
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
2750
3000
3250
3500
3750
4000
V
DS
,Drain-Source Voltage [V]
C
rss
C
oss
C
iss
Note:
1.V
GS
=0V
2.f=1MHz.
Ciss = Cgs+Cgd(Cds=shorted)
Coss= Cds+Cgd
Crss = Cgd
0.1
1
10
0.1
1
10
V
DS
,Drain-to-Source voltage [V]
Note:
1.250us pulse test
2.T
C
=
25oC
VGS
top:10V
9V
8V
7V
6V
5.5V
5V
bottom:5.0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com