Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF5100 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF5100
Description  Isolation 5.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF5100 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF5100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF5100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRF5100 - MBRF5200
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
ITO-220AC
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC ITO-220AC molded plastic body
Terminals: Lead solderable per MIL-STD-750, Method
2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25oCambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MBRF
5100
MBRF
5150
MBRF
5200
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
100
150
200
V
Maximum RMS Voltage
VRMS
70
105
140
V
Maximum DC Blocking Voltage
VDC
100
150
200
V
Maximum Average Forward Rectified Current
I(AV)
5
A
Peak Repetitive Forward Current (Square Wave, 20KHz)
at Tc=105
oC
IFRM
10
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
120
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
0.5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=5A,Tc=25
oC
IF=5A,Tc=125
oC
VF
0.90
0.80
1.02
0.92
V
Maximum Instantaneous Reverse Current @ Tc =25
oC
at Rated DC Blocking Voltage (Note 2)
@ Tc=125
oC
IR
0.1
5.0
mA
mA
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/uS
Typical Junction capacitance
Cj
310
pF
Maximum Thermal Resistance, (Note 3)
RθJC
3.0
oC /W
Operating Junction Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +175
oC
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.
Version:
B09
0.195 (4.95)
0.205 (5.20)


Similar Part No. - MBRF5100

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MBRF5100 KEC-MBRF5100 Datasheet
437Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
Taiwan Semiconductor Co...
MBRF5100 TSC-MBRF5100 Datasheet
570Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
MBRF5100 TSC-MBRF5100 Datasheet
242Kb / 3P
5.0AMPS Isolated Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
MBRF5100 DSK-MBRF5100 Datasheet
221Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF5100 TSC-MBRF5100_10 Datasheet
570Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF5100

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SR502 JGD-SR502 Datasheet
147Kb / 2P
5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF830CT TSC-MBRF830CT Datasheet
109Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
SRAF540 TSC-SRAF540 Datasheet
75Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635 Datasheet
66Kb / 2P
Isolation 16.0 AMPS. Schottky Barrier Rectifiers
SR502 TSC-SR502 Datasheet
63Kb / 2P
5.0 AMPS. Schottky Barrier Rectifiers
SR502 TSC-SR502_1 Datasheet
256Kb / 2P
5.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR520 YANGJIE-SR520 Datasheet
706Kb / 2P
5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF5100 TSC-MBRF5100_10 Datasheet
570Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
SR502 TSC-SR502_10 Datasheet
557Kb / 2P
5.0 AMPS. Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_10 Datasheet
486Kb / 2P
Isolated 5.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com