Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3150G-RCE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-3150G-RCE
Description  15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3150G-RCE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-3150G-RCE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3150G-RCE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
FPM-3150G
Specifications
General
Button Controls
OSD control pad on front panel with lockable function
Certification
BSMI, CCC, CE, FCC
Dimension (W x H x D) 422 x 310 x 86 mm (16.6" x 12.2" x 3.4")
Enclosure
Front panel: Aluminum with coating
Rear cover: Stainless steel chassis
Mounting
Panel, wall, desktop, VESA arm, or 19" rackmount with
optional mounting kit
Power Input
External 50 W power adapter, with AC 100 V ~ 240 V
input and DC +12 V @ 4.16 A output
Video Port
VGA & DVI-D Port
Weight (Net)
7.73 kg (17.04 lbs)
LCD Display
Display Type
XGA TFT LCD
Display Size
15"
Max. Resolution
1024 x 768
Max. Color
16.2M
Viewing Angle (H/V°)
140/120
Luminance (cd/m2)
550
Backlight Life (hrs)
50,000
Contrast Ratio
500 : 1
High brightness 550 nits LCD display
Direct VGA & DVI-D video input interface
Lockable OSD keys with 2 user-defined contrast/brightness settings
Combo RS-232 & USB interface for touchscreen function (optional)
Robust design with stainless steel chassis and aluminum front panel
Supports industrial 24-48 VDC power input (optional)
Supports panel, wall, desktop, rack or VESA arm mounting
Front panel is NEMA4/IP65 compliant
Touchscreen (Optional)
Sensor
AMT
Driver
Penmount 6000
Type
8-wire Resistive
Interface
RS-232 & USB
Lifespan
10 million with a silicone rubber of R8 finger, writing
rate is by 250g at 2 times/s
Light Transmission
> 80%
OS Support
Windows® 2000/XP/CE/Vista, Linux
Power Consumption
+5 V @ 100 mA
Touch Resolution
Linearity
Environment
Operation Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Humidity (Storage)
10 ~ 95% non-condensing
Waterproof
Front panel is NEMA4/IP65 compliant
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
FPM-3150G-XCE
15" XGA Ind. Monitor
FPM-3150G-RCE
15" XGA Ind Monitor w/Resistive TS (RS-232 & USB)
PWR-246E
DC to DC Converter w/24-48 VDC Power Input
15" XGA Industrial Monitor with Resistive
Touchscreen, Direct-VGA and DVI Ports
Introduction
FPM-3150G is a 15" color TFT LCD flat panel monitor specifically designed for industrial applications. With a viewing size as large as 15", it presents an ample display area as well
as vivid and sharp images for your HMI. It features Direct-VGA & DVI-D signal transmission, which allows a regular VGA control card to be used in your system. Users can thus
upgrade the display without making changes to the existing system. Its on screen display function also allows users to adjust the images on the screen with ease. The whole chassis
is stainless steel and the front panel is made of aluminum with front panel NEMA4/IP65 compliance.


Similar Part No. - FPM-3150G-RCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3151G ADVANTECH-FPM-3151G Datasheet
452Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
27-Jun-2018
FPM-3151G-R3AE ADVANTECH-FPM-3151G-R3AE Datasheet
368Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
FPM-3151G-R3BE ADVANTECH-FPM-3151G-R3BE Datasheet
452Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
27-Jun-2018
FPM-3151G-RMKE ADVANTECH-FPM-3151G-RMKE Datasheet
362Kb / 2P
15 XGA Industrial Monitor with 316L Stainless Steel Front Panel for Hazardous Environments
27-Jun-2018
FPM-3151G-X0AE ADVANTECH-FPM-3151G-X0AE Datasheet
368Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
More results

Similar Description - FPM-3150G-RCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-2150G ADVANTECH-FPM-2150G Datasheet
231Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3171G ADVANTECH-FPM-3171G Datasheet
666Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G Datasheet
730Kb / 2P
19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5151G ADVANTECH-FPM-5151G Datasheet
505Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-5171G ADVANTECH-FPM-5171G Datasheet
512Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-2150G ADVANTECH-FPM-2150G_15 Datasheet
335Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3151G ADVANTECH-FPM-3151G_15 Datasheet
368Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191S ADVANTECH-FPM-3191S_15 Datasheet
327Kb / 2P
19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
ITM-915G-RVAE-C ADVANTECH-ITM-915G-RVAE-C Datasheet
359Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and VGA Port
22-Oct-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com