Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3150G-RCE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-3150G-RCE
Description  15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3150G-RCE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-3150G-RCE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3150G-RCE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Side View
FPM-3150G
Power Connector
RS-232/USB Port
(Touchscreen)
VGA Port
Rack Mount (FPM-3150G-RMKE)
Mounting with DC Source
DVI-D Port
Accessories
FPM-3150G-RMKE
Mounting kit for 19" industrial rack
1702002600
Power Cable US Plug 1.8 M
1702002605
Power Cable EU Plug 1.8 M
1702031801
Power Cable UK Plug 1.8 M
1702031836
Power Cable China/Australia Plug 1.8 M
Panel Cut-out Dimensions: 396 x 296 mm (15.6" x 11.6")
390.00 (15.35”)
422.00 (16.62”)
75.00 (2.95”)
100.00 (3.94”)
377.20
(15.10”)
250.00 (9.84”)
86.00 (3.39”)
46.00 (1.81”)
224.00 (8.82”)
10.00 (0.39”)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com