Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-8192V-R1AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-8192V-R1AE
Description  19 SXGA Transflective Marine Grade Monitor with Resistive Touchscreen
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-8192V-R1AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-8192V-R1AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-8192V-R1AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
FPM-8192V
Specifications
General
ƒ
Button Controls
Front OSD control pad with dimming control knob
ƒ
Certifications
CCC, CE, FCC, DNV, IEC 60945, IACS-E10
ƒ
Dimensions (W x H x D) 483 x 444 x 75 mm (19" x 17.48" x 1.95")
ƒ
Enclosure
Alumium with coating
ƒ
Mounting
Panel
ƒ
Power Input
45 W, 24 VDC, 2.5 A
ƒ
Video Port
VGA, DVI-D, Composite Video, S-Video
ƒ
Weight
14.5 kg (31.96 lbs)
LCD Display
ƒ
Display Type
SXGA TFT LCD with transflective display
ƒ
Display Size
19"
ƒ
Max. Resolution
1280 x 1024
ƒ
Max. Colors
16.7M
ƒ
Luminance (cd/m2)
500 under ambient lighting 10,000 nits
630 under ambient lighting 30,000 nits
830 under ambient lighting 80,000 nits
ƒ
Viewing Angle (H/V°)
140/135
ƒ
Backlight Life (hrs)
50,000
ƒ
Contrast Ratio
550:1
Touchscreen (Optional)
ƒ
Sensor
ELO
ƒ
Driver
ELOTOUCH
ƒ
Lifespan
35 million touches at single point
ƒ
Light Transmission
Above 75%
ƒ
Resolution
Linearity
ƒ
Type
5-wire, analog resistive
ƒ
OS
Windows 2000/XP/CE/Vista, Linux
ƒ
Power Consumption
+5 V @ 100 mA
Environment
ƒ
Operating Temperature -10 ~ 55° C (14 ~ 131° F)
ƒ
Storage Temperature
-40 ~ 70° C (-40 ~ 140° F)
ƒ
Humidity
100% non-condensing
ƒ
Waterproof Front Panel IP65, IP54 rear cover
ƒ
Vibration
Frequency range: 3 ~ 13.2 Hz,
Amplitude: 1.0mm (peak value)
Frequency range: 13.2 ~ 100 Hz,
Acceleration amplitude: 0.7g
Ordering Information
ƒ
FPM-8192V-X0AE
19" SXGA Marine Grade Monitor
ƒ
FPM-8192V-R1AE
19" SXGA Marine Grade Monitor w/TS (RS-232)
ƒ 19" SXGA TFT LCD with transflective technology for outdoor visibility
ƒ Dimming knob controls backlight brightness from nearly 0% to 100%
ƒ Front OSD control with PIP (picture in picture) function
ƒ Wide voltage power input 24 VDC
ƒ Direct-VGA, DVI-D, Video & S-Video input interface
ƒ Chassis ESD/grounding protection
ƒ Robust design with anti-rust aluminum housing and IP65 compliant front panel
ƒ DNV standard 2.4 certified and IEC-60945 & IACS-E10 approved
ƒ Front access mounting mechanism for marine bridge systems
19" SXGA Transflective Marine Grade
Monitor with Resistive Touchscreen
Introduction
FPM-8192V is a 19" SXGA monitor with transflective display & dimming knob control from 0% ~ 100%, designed for marine industry applications. Constructed from marine grade
aluminum with a UV protected powder coating, FPM-8192V ensures reliability even in harsh outdoor conditions. FPM-8192V can also accept up to 4 common video inputs, including
VGA, DVI, S-Video, and Video as well as three stage PIP (picture in picture) with floating and resizable windows. Advantech's marine display is the right choice for any marine
application due to its ease of installation, outstanding viewing capabilities and reliability.
NEW


Similar Part No. - FPM-8192V-R1AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-8151H ADVANTECH-FPM-8151H Datasheet
563Kb / 2P
15" XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
FPM-8151H ADVANTECH-FPM-8151H Datasheet
325Kb / 2P
15' XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
FPM-8151H ADVANTECH-FPM-8151H Datasheet
362Kb / 2P
15 XGA Industrial Monitor with 316L Stainless Steel Front Panel for Hazardous Environments
27-Jun-2018
FPM-8151H-R3AE ADVANTECH-FPM-8151H-R3AE Datasheet
563Kb / 2P
15" XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
FPM-8151H-R3AE ADVANTECH-FPM-8151H-R3AE Datasheet
376Kb / 2P
15" XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
More results

Similar Description - FPM-8192V-R1AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3171G ADVANTECH-FPM-3171G Datasheet
666Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G Datasheet
730Kb / 2P
19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5171G ADVANTECH-FPM-5171G Datasheet
512Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-8232V ADVANTECH-FPM-8232V Datasheet
534Kb / 2P
23 UXGA Marine Grade Monitor with
FPM-2170G ADVANTECH-FPM-2170G Datasheet
271Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G ADVANTECH-FPM-2170G_15 Datasheet
356Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G_15 Datasheet
326Kb / 2P
9U Rackmount 19" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports
FPM-3191S ADVANTECH-FPM-3191S_15 Datasheet
327Kb / 2P
19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
ITM-5117 ADVANTECH-ITM-5117_15 Datasheet
367Kb / 2P
17" SXGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com