Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-8192V-R1AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-8192V-R1AE
Description  19 SXGA Transflective Marine Grade Monitor with Resistive Touchscreen
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-8192V-R1AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-8192V-R1AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-8192V-R1AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
FPM-8192V
Front View (Panel Mount)
I/O View
Front OSD with Dimming Knob
Panel Cut-out Dimensions: 429 x 396 mm
4-M4-VESA
Both side
8-M4 Screw x 3L
483.0
4-Ø6.5
465.0
425.4
28.8
28.8
378.5
52.2
52.2
15.2
75.2
100.0
191.5
Ø6.5
Ø6.5
Ø6.5
Ø6.5
10.0
Chassis Grounding
Video
VGA
TS interface - RS-232
DVI-D
S-Video
Remote
Power Input



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com