Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPPC-6152F-R0AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPPC-6152F-R0AE
Description  15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPPC-6152F-R0AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPPC-6152F-R0AE Datasheet HTML 1Page - Advantech Co., Ltd. IPPC-6152F-R0AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Panel PCs
Features
IPPC-6152F
15" XGA TFT LCD Celeron® M Fanless
Industrial Panel PC with 2 x PCI Slots
Fanless cooling system
15" XGA TFT LCD with touchscreen
Intel® Celeron® M Processor ULV 1 GHz / 512KB L2 on board
1 GB DDR2 SDRAM system memory
24 VDC power supply
Offers two expansion slots for PCI add-on cards
Dual Lan, supports one Gigabit Lan
Front USB access and system reset function
Flat-sealed front panel
Control box with gull-wing design for easy installation and maintenance
Front panel is NEMA4/IP65 compliant
Heavy-duty aluminum front panel
Specifications
General
BIOS
Award® 512 KB Flash BIOS
Certifications
UL, CE, FCC, CCC, BSMI
Enclosure
Die-cast flat-sealed front with SGCC Housing
Dimension (W x H x D) 449.92 x 315.63 x 141.7 mm (17.73" x 12.44" x 5.58")
Mounting
Panel, Rack (option)
OS Support
Windows 2000, XP Professional and WinXPe
Power Input
18 ~ 30VDC, 18A
Power Output
+3.3 V @ 8 A, +5 V @ 10 A, +12 V @ 4 A,
+5 Vsb @ 0.75 A, -12 V @ 1 A
Power Supply
85W
Weight (Gross)
13 Kg (28.66 lbs)
System Hardware
CPU
Intel Celeron M ULV 1 GHz with 512 KB L2 on board
Chipset
Intel 915GME
Memory
1 GB DDR2 240pin SDARM 533 MHz
LAN
10/100Base-T Ethernet x 1,
10/100/1000Base-T Ethernet x 1
Expansion
2 x half-length PCI Slots (total 25W)
Storage
1 x CompactFlash Slot,
1 x SATA HDD interface (2.5" HDD bay)
I/Os
1 x RS-232
5 x USB 2.0 (one at front)
2 x PS2 (Keyboard, Mouse)
1 x VGA Port
1 x Parallel Port
Mic-in, Line-in, Line-out
LCD Display
Backlight Life
50,000 hrs
Contrast Ratio
500 : 1
Display Size
15"
Display Type
XGA TFT LCD
Luminance
250 cd/m2
Max. Colors
16.2 M (RGB 6-bit + FRC data)
Max. Resolution
1024 x 768
Viewing Angle (H/V°)
140/120
Touchscreen (Optional)
Lifespan
10 millions times touch at single point
Light Transmission
> 80%
Type
Analog resistive 8-wire
Environment
Humidity
5 ~ 85% @ 40 °C (non-condensing)
Ingress Protection
Front panel: NEMA 4/IP 65
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Vibration Protection
5 ~ 500 Hz, 1 Grms random vibration
Ordering Information
IPPC-6152F-X0AE
15" Fanless Panel PC, Celeron M, 2 x PCI
IPPC-6152F-R0AE
15" Fanless Panel PC, Celeron M, 2 x PCI, TS
Introduction
The IPPC-6152F is an Industrial Panel PC with front USB access, supports Celeron M ULV 1 GHz, 1 GB DDR2 memory, one CompactFlash slot and two PCI expansion slots. The
flat-sealed front panel design for easier cleaning and liquid run off. Also the control box has the gull-wing design for easy components installation and maintenance. The design of
fanless cooling system and spindle-free storage makes IPPC-6152F a durable and reliable platform. A fast-access SATA HDD is option. Two PCI slots meets diverse requests.
NEW


Similar Part No. - IPPC-6152F-R0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
15" XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152A-R0AE ADVANTECH-IPPC-6152A-R0AE Datasheet
697Kb / 2P
15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152A-RMKE ADVANTECH-IPPC-6152A-RMKE Datasheet
182Kb / 1P
IPPC Accessories
IPPC-6152A-X0AE ADVANTECH-IPPC-6152A-X0AE Datasheet
697Kb / 2P
15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
More results

Similar Description - IPPC-6152F-R0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
15" XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6172A ADVANTECH-IPPC-6172A Datasheet
691Kb / 2P
17 SXGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6172F ADVANTECH-IPPC-6172F Datasheet
497Kb / 2P
17 SXGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
IPPC-7158B ADVANTECH-IPPC-7158B Datasheet
744Kb / 2P
15 XGA TFT LCD Passive Backplane Industrial Panel PC with 14 Expansion Slots and Keypad
IPPC-8151S ADVANTECH-IPPC-8151S Datasheet
646Kb / 2P
15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with Stainless Steel
IPPC-9151F ADVANTECH-IPPC-9151F Datasheet
314Kb / 2P
15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 2 x PCI Slots
IPPC-9171G ADVANTECH-IPPC-9171G Datasheet
489Kb / 2P
17 SXGA TFT LCD Pentium 4 Industrial Panel PC with 2 x PCI Slots
TPC-1570H ADVANTECH-TPC-1570H Datasheet
816Kb / 2P
15 XGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
UNO-3072L ADVANTECH-UNO-3072L Datasheet
583Kb / 1P
Intel짰 Celeron짰 M Fanless Box PC with 2 x PCI Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com