Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPPC-6152F-R0AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IPPC-6152F-R0AE
Description  15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPPC-6152F-R0AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IPPC-6152F-R0AE Datasheet HTML 1Page - Advantech Co., Ltd. IPPC-6152F-R0AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
I/O View
IPPC-6152F
Accessories
IPPC-6152A-RMKE
IPPC-6152A/IPPC-6152F Rack mount kit
Front Accessible USB Port
Panel Cut-out Dimensions: 428 x 297 mm
449.92 [17.73"]
112.2
[4.42"]
21.5
[0.85"]
422.4 [16.64"]
6 [0.24"]
2 [0.08"]
97 [3.82"]
362 [14.26"]
56.25
[2.22"]
141.70 [5.58"]
PCI Slots
Gigabit Lan
Lan
Parallel Port
Power Switch
24 VDC
CompactFlash Slot
Mouse
Keyboard
COM Port
VGA Port
USB
Audio
Reset Button
USB
Slim DVD/CDRW Driver



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com