Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH1102B Datasheet(PDF) 12 Page - Marktech Corporate

Part # TLRH1102B
Description  Panel Circuit Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRH1102B Datasheet(HTML) 12 Page - Marktech Corporate

Back Button TLRH1102B Datasheet HTML 5Page - Marktech Corporate TLRH1102B Datasheet HTML 6Page - Marktech Corporate TLRH1102B Datasheet HTML 7Page - Marktech Corporate TLRH1102B Datasheet HTML 8Page - Marktech Corporate TLRH1102B Datasheet HTML 9Page - Marktech Corporate TLRH1102B Datasheet HTML 10Page - Marktech Corporate TLRH1102B Datasheet HTML 11Page - Marktech Corporate TLRH1102B Datasheet HTML 12Page - Marktech Corporate TLRH1102B Datasheet HTML 13Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TL(RH,RMH,SH,OH,YH)1102B(T10)
2006-07-07
12
5.
Packing display
(1) Packing quantity
Reel
500 pcs
Carton
2,000 pcs
(2) Packing form: Each reel is sealed in an aluminum pack with silica gel.
6.
Label format
(1) Example: TLRH1102B (T10)
P/N:
TOSHIBA
TYPE
TLRH1102B
ADDC
(T10)
Q’TY
500 pcs
Lot Number
Key code for TSB
32C
500
(RANK SYMBOL)
Use under 5-30degC/60%RH within 168h
SEAL DATE:
[[G]]/RoHS COMPATIBLE
DIFFUSED IN *****
*Y3804xxxxxxxxxxxxxxxxx*
ASSEMBLED IN *****
(2) Label location
Tape reel direction
Label position
Label position
•
Reel
•
Carton
• The aluminum package in which the reel is supplied also has a copy of the label
attached to the center of one side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com