Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH1102B Datasheet(PDF) 2 Page - Marktech Corporate

Part # TLRH1102B
Description  Panel Circuit Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRH1102B Datasheet(HTML) 2 Page - Marktech Corporate

  TLRH1102B Datasheet HTML 1Page - Marktech Corporate TLRH1102B Datasheet HTML 2Page - Marktech Corporate TLRH1102B Datasheet HTML 3Page - Marktech Corporate TLRH1102B Datasheet HTML 4Page - Marktech Corporate TLRH1102B Datasheet HTML 5Page - Marktech Corporate TLRH1102B Datasheet HTML 6Page - Marktech Corporate TLRH1102B Datasheet HTML 7Page - Marktech Corporate TLRH1102B Datasheet HTML 8Page - Marktech Corporate TLRH1102B Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TL(RH,RMH,SH,OH,YH)1102B(T10)
2006-07-07
2
Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Please see Note 1
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operation
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRH1102B
TLRMH1102B
TLSH1102B
TLOH1102B
TLYH1102B
50
4
115
−40~100
−40~100
Note 1: Forward current derating
Electrical Characteristics (Ta = 25°C)
Forward Voltage VF
Reverse Current
IR
Product Name
Min
Typ.
Max
IF
Max
VR
TLRH1102B
1.6
1.9
2.3
TLRMH1102B
1.6
1.9
2.3
TLSH1102B
1.6
1.9
2.3
TLOH1102B
1.6
2.0
2.3
TLYH1102B
1.6
2.0
2.3
20
10
4
Unit
V
mA
µA
V
Ambient temperature Ta (°C)
)
IF – Ta
0
80
60
0
100
80
120
40
20
40
20
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com