Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS393CSRL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS393CSRL
Description  Low Power Low Offset Voltage Dual Comparators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS393CSRL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS393CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS393CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS393CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS393CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS393CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS393CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS393CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS393
Low Power Low Offset Voltage Dual Comparators
2/2
Version: A09
Electrical Characteristics (VCC = 5V, Ta=25oC; unless otherwise specified.)
Characteristics
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (note 3)
VIO
--
2
5
mV
Input Offset Current
IIN(+) - IIN(-), VCM=0V
IIO
--
--
50
nA
Input Offset Current (note 4)
IIN(+) - IIN(-), VCM=0V
IIB
--
--
250
nA
Input Common Mode Voltage Range
VCC=30V
VICR
-0
--
VCC-1.5
V
Voltage Gain
RL ≥15K, VCC =15V, Vo=1V~11V
AVOL
50
200
--
V/mV
Large Signal Response Time
Vin=TTL Logic Swing. VREF = 1.4V,
VRL=5V. RL=5.1KΩ
--
--
300
--
nS
Response Time (note 6)
VRL=5V. RL=5.1KΩ
tTLH
--
1.3
--
uS
Output Sink Current
VIN(-)=1V, VIN(+)=0V, Vo≤1.5V
ISINK
6.0
16
--
mA
Output Saturation Voltage
VIN(-)=1V, VIN(+)=0V, ISINK≤4mA
VOL
--
250
400
mV
Output Leakage Current
VIN(-)=0V, VIN(+)=1V, Vo=5V
IOL
--
0.1
--
nA
Supply Current
RL = ∞, VCC =5V
RL = ∞, VCC =36V
ICC
--
--
0.4
1.0
1.0
2.5
mA
Note 1. The max. Output current may be as high as 20mA, independent of the magnitude of VCC, output short circuits
to VCC can cause excessive heating and eventual destruction.
Note 2. This magnitude of input current will only occur if the input leads are driven more negative than ground or the
negative supply voltage. This is due to the input PNP collector base junction becoming forward biased acting
as an input clamp diode. There is also a lateral PNP parasitic transistor action on the IC chip. This
phenomena can cause the output voltage of the comparators to go to the VCC voltage level (or ground if
overdrive is large) during the time the input is driven negative. This will not destroy the device and normal
output states will recover when the inputs become -0.3V of ground or negative supply.
Note 3. At output switch point, VO=1.4Vdc, RS=0Ω with VCC from 5Vdc to 30Vdc, and over the full input common-mode
Note 4. Due to the PNP transistor inputs, bias current will flow out of the inputs, this current is essentially constant
independent of the output state, therefore, no loading changes will exist on the input lines.
Note 5. Input common mode of either input should not be permitted to go more than 0.3V negative of ground or minus
supply. The upper limit of common mode range is VCC - 1.5V but either or both inputs can betaken to as high
as 30volts without damage.
Note 6. Response time is specified with a 100mV step and 5.0mV of overdrive. With larger magnitudes of overdrive
faster response times are obtainable.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com