Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS393CSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS393CSRL
Description  Low Power Low Offset Voltage Dual Comparators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS393CSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS393CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS393CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS393CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS393CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS393CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS393CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS393CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS393
Low Power Low Offset Voltage Dual Comparators
1/1
Version: A09
SOP-8
DIP-8
General Description
The TS393 is dual independent precision voltage comparators capable of single-supply or split-supply operation. The
specifications as low as 2.0 mV make this device an excellent ground level with single-supply operation. Input offset-
voltage selection for many applications in consumer automotive, and It is designed to permit a common mode range-
to- industrial electronics.
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
+36 or ±18
V
Differential Input Voltage
VIDR
36
V
Input Common Mode Voltage Range
VICR
-0.3 to 36
V
Input Current
IIN
50
mA
Output Short Circuit to Ground
ISC
Continuous
Output Sink Current
ISINK
20
mA
Operating Temperature Range
TOPR
0 ~ +70
oC
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Temperature 1.6mm(1/16”) from case for 10Sec.
TLEAD
260
oC
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are
individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
Note 1. The maximum output current may be as high as 20mA, independent of the magnitude of VCC Output short
circuits to VCC can cause excessive heating and eventual destruction
Features
●
Output voltage compatible with DTL, ECL, TTL, MOS
and CMOS Logic levels
●
Low input bias current 25nA
●
Low input offset current ±0.5nA
●
Low input offset voltage ±2mV(typ)
●
Input common mode range to ground level
●
Differential input voltage range equal to power supply
voltage
●
Very low supply current drain (0.4mA) - independent
of supply voltage
●
Wide single-supply range 2V~36V
●
Split-supply range ±1V to ±18V
Ordering Information
Part No.
Package
Packing
TS393CD C3
DIP-8
50pcs / Tube
TS393CS RL
SOP-8
2.5Kpcs / 13” Reel
Block Diagram
Pin assignment:
1. Output A
8. Vcc
2. Input A (-)
7. Output B
3. Input A (+)
6. Input B (-)
4. Gnd
5. Input B (+)


Similar Part No. - TS393CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS393CSRLG TSC-TS393CSRLG Datasheet
396Kb / 8P
Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - TS393CSRL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com