Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431ACTA3 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS431ACTA3
Description  Adjustable Precision Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431ACTA3 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS431ACTA3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TS431
Adjustable Precision Shunt Regulator
3/13
Version: F07
Test Circuits
Figure 1: VKA = VREF
Figure 2: VKA > VREF
Figure 3: Off-State Current
Additional Information – Stability
When The TS431/431A/431B is used as a shunt regulator, there are two options for selection of CL, are recommended for optional
stability:
A) No load capacitance across the device, decouple at the load.
B) Large capacitance across the device, optional decoupling at the load.
The reason for this is that TS431/431A/431B exhibits instability with capacitances in the range of 10nF to 1uF (approx.) at light
cathode current up to 3mA (typ). The device is less stable the lower the cathode voltage has been set for. Therefore while the
device will be perfectly stable operating at a cathode current of 10mA (approx.) with a 0.1uF capacitor across it, it will oscillate
transiently during start up as the cathode current passes through the instability region. Select a very low capacitance, or alternatively
a high capacitance (10uF) will avoid this issue altogether. Since the user will probably wish to have local decoupling at the load
anyway, the most cost effective method is to use no capacitance at all directly across the device. PCB trace/via resistance and
inductance prevent the local load decoupling from causing the oscillation during the transient start up phase.
Note: if the TS431/431A/431B is located right at the load, so the load decoupling capacitor is directly across it, then this capacitor
will have to be ≤1nF or ≥10uF.
Applications Examples
Figure 4: Voltage Monitor
Figure 5: Output Control for Three Terminal
Fixed Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com