Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431ACTA3 Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part # TS431ACTA3
Description  Adjustable Precision Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431ACTA3 Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS431ACTA3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS431ACTA3 Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TS431
Adjustable Precision Shunt Regulator
9/13
Version: F07
TO-92 Mechanical Drawing
Marking Diagram
X = Tolerance Code
(A = ±1%, B = ±0.5%, C = ±0.25%, Blank = ±2%,)
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L = Lot Code
TO-92 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
4.30
4.70
0.169
0.185
C
13.53 (typ)
0.532 (typ)
D
0.39
0.49
0.015
0.019
E
1.18
1.28
0.046
0.050
F
3.30
3.70
0.130
0.146
G
1.27
1.31
0.050
0.051
H
0.33
0.43
0.013
0.017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com