Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431CTRF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS431CTRF
Description  Adjustable Precision Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431CTRF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS431CTRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS431
Adjustable Precision Shunt Regulator
1/13
Version: F07
TO-92
SOT-89
SOT-23
SOP-8
General Description
TS431 series integrated circuits are three-terminal programmable shunt regulator diodes. These monolithic IC voltage
references operate as a low temperature coefficient zener which is programmable from VREF to 36 volts with two
external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a typical dynamic
impedance of 0.22Ω. The characteristics of these references make them excellent replacements for zener diodes in
many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5V reference makes it
convenient to obtain a stable reference from 5.0V logic supplies, and since The TS431 series operates as a shunt
regulator, it can be used as either a positive or negative stage reference.
Features
●
Precision Reference Voltage
TS431 – 2.495V ±2%
TS431A – 2.495V ±1%
TS431B – 2.495V ±0.5%
●
Equivalent Full Range Temp. Coefficient: 50ppm/ ºC
●
Programmable Output Voltage up to 36V
●
Fast Turn-On Response
●
Sink Current Capability of 1~100mA
●
Low Dynamic Output Impedance: 0.2Ω
●
Low Output Noise
Block Diagram
Ordering Information
Part No.
Package
Packing
TS431xCT B0
TO-92
1Kpcs / Bulk
TS431xCT B0G
TO-92
1Kpcs / Bulk
TS431xCT A3
TO-92
2Kpcs / Ammo
TS431xCT A3G
TO-92
2Kpcs / Ammo
TS431xCX RF
SOT-23
3Kpcs / 7” Reel
TS431xCX RFG
SOT-23
3Kpcs / 7” Reel
TS431xCY RM
SOT-89
1Kpcs / 7” Reel
TS431xCY RMG
SOT-89
1Kpcs / 7” Reel
TS431xCS RL
SOP-8
2.5Kpcs / 13” Reel
TS431xCS RLG
SOP-8
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage tolerance
Blank: ±2%, A: ±1%, B: ±0.5%
“G” denotes for Halogen free products
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Cathode Voltage (Note 1)
VKA
37
V
Continuous Cathode Current Range
IK
-100 ~ +150
mA
Reference Input Current Range
IREF
-0.05 ~ +10
mA
TO-92
0.625
SOT-23
0.30
Power Dissipation
SOT-89 / SOP-8
PD
0.50
W
Junction Temperature
TJ
+150
oC
Operating Temperature Range
TOPER
0 ~ +70
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note 1: Voltage values are with respect to the anode terminal unless otherwise noted.
Pin Definition:
1. Reference
2. Cathode
3. Anode
Pin Definition:
1. Cathode
8. Reference
2. Anode
7. Anode
3. Anode
6. Anode
4. N/C
5. N/C
Pin Definition:
1. Reference
2. Anode
3. Cathode


Similar Part No. - TS431CTRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS431CT TSC-TS431CT Datasheet
216Kb / 8P
Adjustable Precision Shunt Regulator
More results

Similar Description - TS431CTRF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com