Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431CTRF Datasheet(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

Part # TS431CTRF
Description  Adjustable Precision Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431CTRF Datasheet(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TS431CTRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS431CTRF Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TS431
Adjustable Precision Shunt Regulator
10/13
Version: F07
SOT-23 Mechanical Drawing
Marking Diagram
1 = Device Code
X = Tolerance Code
(A = ±1%, B = ±0.5%, C = ±0.25%, Blank = ±2%,)
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L = Lot Code
SOT-23 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
0.95 BSC
0.037 BSC
A1
1.9 BSC
0.074 BSC
B
2.60
3.00
0.102
0.118
C
1.40
1.70
0.055
0.067
D
2.80
3.10
0.110
0.122
E
1.00
1.30
0.039
0.051
F
0.00
0.10
0.000
0.004
G
0.35
0.50
0.014
0.020
H
0.10
0.20
0.004
0.008
I
0.30
0.60
0.012
0.024
J
5º
10º
5º
10º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com