Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2515CSRL Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2515CSRL
Description  3A / 380KHz PWM Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2515CSRL Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2515CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2515CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2515CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2515CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2515CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2515CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2515CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS2515
3A / 380KHz PWM Buck Converter
3/7
Version: A09
Application Circuit
Typical Circuit
L1 recommend value (VIN=12V, IOUT=3A )
VOUT
1.8V
2.5V
3.3V
5V
L1 Value
15uH
15uH
22uH
22uH
Function Descriptions
PWM Control
The TS2515 consists of DC/DC converters that employ a pulse-width modulation (PWM) system. In converters of the
TS2515, the pulse width varies in a range from 0 to 100%, according to the load current. The ripple voltage produced
by the switching can easily be removed through a filter because the switching frequency remains constant. Therefore,
these converters provide a low-ripple power over broad ranges of input voltage and load current.
Setting the Output Voltage
Application circuit item shows the basic application circuit with TS2515 adjustable output version. The external resistor
sets the output voltage according to the following equation:
Table 1: Resistor select for output voltage setting
VOUT
R2
R1
5V
5.6K
1.8K
3.3V
5.6K
3.3K
2.5V
1.25K
1.2K
1.8V
2.2K
4.7K
1.5V
1.1K
4.7K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com