Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2515CSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2515CSRL
Description  3A / 380KHz PWM Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2515CSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2515CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2515CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2515CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2515CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2515CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2515CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2515CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS2515
3A / 380KHz PWM Buck Converter
1/7
Version: A09
SOP-8
General Description
TS2515 consists of step-down switching regulator with PWM control. These devise include a reference voltage
source, oscillation circuit, error amplifier, internal PMOS and etc. TS2515 provides low-ripple power, high efficiency,
and excellent transient characteristics. The PWM control circuit is able to the duty ratio linearly form 0 up to 100%. An
enable function, an over current protect function and short circuit protect function are built inside, and when OCP or
SCP happens, the operation frequency will be reduced. Also, an internal compensation block is built in to minimum
external component count. With the addition of an internal P-channel Power MOS, a coil, capacitors, and a diode
connected externally, these ICs can function as step-down switching regulators. They serve as ideal power supply
units for portable devices when coupled with the SOP-8L package, providing such outstanding features as low current
consumption. Since this converter can accommodate an input voltage up to 23V, it is also suitable for the operation
via an AC adapter.
Ordering Information
Part No.
Package
Packing
TS2515CS RL
SOP-8
2.5Kpcs / 13” Reel
Features
●
Input Voltage: 4.5V~23V
●
Output Voltage: 1.222V~Vcc
●
Duty Ratio: 0%~100% PWM Control
●
Oscillation Frequency: 380kHz typ.
●
Soft-Start (SS), Current Limit (CL), Enable Function
●
Thermal Shutdown Function
●
Short Circuit Protect (SCP)
●
Built-in Internal SW P-Channel MOSFET
Application
●
Simple High-efficiency Step down Regulator
●
On-Card Switching Regulators
Absolute Maximum Rating
Parameter
Symbol
Rating
Unit
VCC Pin Voltage
VCC
Vss -0.3 to Vss +25
V
Feedback Pin Voltage
VFB
Vss -0.3 to VCC
V
ON/OFF Pin Voltage
VEN
Vss -0.3 to VCC +0.3
V
Switch Pin Voltage
VSW
Vss -0.3 to VCC +0.3
V
Power Dissipation
PD
Internally limited
mW
Storage Temperature Range
TST
-40 to +150
ºC
Operating Temperature Range
TOP
-20 to +125
ºC
Junction Temperature Range
TJ
-40 to +150
ºC
Operating Supply Voltage
VOP
+4.5 to +23
V
Thermal Resistance from Junction to case
θJC
25
℃/W
Thermal Resistance from Junction to ambient
θJA
70
℃/W
Note: θJA is measured with the PCB copper area (need connect to SW pins) of approximately 1 in
2(Multi-layer)
Pin Definition:
1. N/C
8. SS
2. Vcc
7. EN
3. SW
6. NC
4. Vss
5. FB


Similar Part No. - TS2515CSRL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TS250 MACOM-TS250 Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
TS250-130 MACOM-TS250-130 Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
logo
List of Unclassifed Man...
TS250-130 ETC2-TS250-130 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
TS250-130-RA MACOM-TS250-130-RA Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
TS250-130-RB MACOM-TS250-130-RB Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - TS2515CSRL

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1683 YOBON-YB1683 Datasheet
227Kb / 9P
3A 380KHz 28V PWM Buck DC/DC Converter
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
2A 380KHz 32V PWM Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
3A 380KHz 18V Buck DC to DC Converter
XL1583 ETC2-XL1583 Datasheet
233Kb / 9P
3A 380KHz 23V Buck DC to DC Converter
logo
XLSEMI
XL1530 XLSEMI-XL1530 Datasheet
187Kb / 9P
3A 380KHz 18V Buck DC to DC Converter
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
3A 380KHz 23V Buck DC to DC Converter
logo
First Silicon Co., Ltd
FAC1583 FS-FAC1583 Datasheet
414Kb / 11P
3A 380KHZ 28V PWM Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1583 HMSEMI-HM1583 Datasheet
307Kb / 9P
3A 380KHz 23V Buck DC to DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1583 TECHCODE-TD1583 Datasheet
655Kb / 16P
3A 380KHz 28V PWM Buck DC/DC Converter
December, 23, 2009.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com