Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4404CSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4404CSRL
Description  30V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4404CSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4404CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4404CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4404CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4404CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4404CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4404CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM4404
30V N-Channel MOSFET
1/6
Version: A09
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
30 @ VGS = 10V
8.5
33 @ VGS = 4.5V
8.5
SOP-8
30
48 @ VGS = 2.5V
5
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
Application
●
High-Side DC/DC Conversion
●
Notebook
●
Sever
Ordering Information
Part No.
Package
Packing
TSM4404CS RL
SOP-8
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
8.5
A
Pulsed Drain Current
IDM
60
A
Continuous Source Current (Diode Conduction)
a,b
IS
4.3
A
Ta = 25
oC
3.0
Maximum Power Dissipation
Ta = 75
oC
PD
2.1
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
RӨJF
24
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
RӨJA
62.5
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 10 sec.
Block Diagram
N-Channel MOSFET
Pin Definition:
1. Source
2. Source
3. Source
4. Gate
5, 6, 7, 8. Drain


Similar Part No. - TSM4404CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4405P TSC-TSM4405P Datasheet
183Kb / 6P
Single P-Channel 1.8V Specified MicroSURF MOSFET
More results

Similar Description - TSM4404CSRL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com