Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR3KB Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UR3KB
Description  Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UR3KB Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UR3KB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UR3KB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Sharacteristic Curves ( UR3KBX0 )
FIG 1 Maximum Derating Curve for Output Current
Heatsink Mount
2.0"x3.0"x0.25"
AL- plate
Without Heat
sink
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
120
140
160
Ambient Temperature (
oC)
FIG 3 Typical Reverse Characteristics per Leg
Ta=25
oC
Ta=125
oC
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Volatge (V)
FIG 2 Maximum Forward Surge Current per Leg
8.3mS Single
Half Sin-wave
(Jedec Method)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
Number of cycles at 60 Hz
FIG 4 Typical Forward Characteristics per Leg.
Ta=150
oC
Ta=25
oC
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
Instantaneous Forward Voltage (V)
FIG 5 Forward Power Dissipation
0
1
2
3
4
5
6
7
0123
Forward rectified Current Io (A)
2 of 2
Version : B09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com