Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR3KB Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UR3KB
Description  Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UR3KB Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UR3KB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UR3KB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UR3KB series
Symbol
UR3KB
20
UR3KB
40
UR3KB
60
UR3KB
80
UR3KB
100
Units
VRRM
200
400
600
800
1000
V
VRMS
140
280
420
560
700
V
VDC
200
400
600
800
1000
V
I(AV)
A
IFSM
A
I
2tA2S
VF
V
IR
uA
Vdis
kV
RθJA
RθJC
RθJL
oC/W
TJ
OC
TSTG
OC
260℃ / 10 seconds at 5 lbs., ( 2.3 kg ) tension
Maximum Ratings and Electrical Characteristics
Single Phase 3.0 AMPS.
Glass Passivated Bridge Rectifiers
Glass passivated junction
High case dielectric strength
Plastic material has Underwriters laboratory
flammability Classification 94V-0
D3K
Features
Ideal for printed circuit board
UL Recoganized
Note 1 : Unit case mounted on 2" x 3" x 0.25" Al plate heat sink.
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed
on Rated Load (JEDEC method )
Rating of fusing ( t < 8.3mS )
Maximum Instantaneous Forward Voltage @ 1.5A
Maximum DC Reverse Current at Rated DC Blocking Voltage
Dielectric Strength (Terminal to Case, AC 1minute)
Typical Thermal Resistance (Note 1)
Typical IR less than 0.1uA
Dimension in inches and (millimeter)
Green compound with suffix “G” on packing code &
prefix “G” on datecode.
Mounting Torque : 0.8 N.M max.
Terminal : Pure tin plated , Lead free. Leads solderable per
MIL-STD-202 Method 208
Case : Molded plastic body
Weight : 1.41 grams (0.053 ounce)
High surge current capability
Mechanical Data
High temperature soldering guaranteed:
Operating Temperature Range
Storage Temperature Range
Maximum Average Forward Current
Without heat sink Ta=29
oC
60 Hz sine wave resistance load
With heat sink
Tc=140
oC
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
1.2
3.0
13.7
5.2
5.5
-55 to +150
-55 to +150
90
35
1.00
10
2.0
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
1 of 2
Version : B09


Similar Part No. - UR3KB

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UR3KB05 ZSELEC-UR3KB05 Datasheet
118Kb / 2P
3.0A BRIDGE RECTIFIER
UR3KB05 ZSELEC-UR3KB05 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
UR3KB05 ZSELEC-UR3KB05_V01 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
UR3KB10 ZSELEC-UR3KB10 Datasheet
118Kb / 2P
3.0A BRIDGE RECTIFIER
UR3KB10 ZSELEC-UR3KB10 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
More results

Similar Description - UR3KB

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC300G JGD-KBPC300G Datasheet
121Kb / 2P
SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBP301G ETC-KBP301G Datasheet
116Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
SB305G TSC-SB305G Datasheet
56Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
TS20P01G TSC-TS20P01G Datasheet
50Kb / 2P
Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G Datasheet
53Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G_1 Datasheet
215Kb / 2P
Single Phase 3.0 AMPS Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBP3005 YANGJIE-KBP3005 Datasheet
270Kb / 2P
SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBP301G TSC-KBP301G_08 Datasheet
163Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
UR3KB60 TSC-UR3KB60 Datasheet
583Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
D3UB05 KINGTRONICS-D3UB05_15 Datasheet
375Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com