Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-154SWINARM Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-154SWINARM
Description  15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-154SWINARM Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-154SWINARM Datasheet HTML 1Page - Advantech Co., Ltd. PPC-154SWINARM Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
All product specifications are subject to change without notice
Last updated : 22-April-2009
Features
PPC-154T
15" TFT XGA LCD
Intel® Pentium® 4 processor up to 3.06 GHz
System memory up to 2 GB DDR SDRAM
Built-in FDD/CD-ROM drive
Built-in PCMCIA Type II x 2
10/100 Mbps Ethernet (Gigabit optional)
Optional 6-in-1 card reader (MS, SD, SM, MC and CF type I/II sockets)
Resistive, capacitive, SAW and infrared touchscreen are available
15" Panel PC Panel PC with
Intel® Pentium® 4 Processor
Introduction
The PPC-154T is an Intel Pentium 4 based Panel PC with 15" color TFT LCD (resolution up to 1024 x 768). It features multimedia devices, various connectors, and can be installed
in virtually any application. In addition, its user-friendly interface makes it a great host for information appliances.
Specifications
Processor System
CPU
Supports Socket 478 based Pentium 4 CPU up to 3.06 GHz
Disk Drive Housing
Room for 1 x 2.5" HDD
Dimensions (W x H x D)
420 x 323.3 x 130.5 mm (16.54" x 12.72" x 5.12")
Weight
7 kg (15.4 lb)
Front Panel Protection
IP65/NEMA 4 compliant (not for SAW model)
HDD
IDE HDD interface (2.5" HDD bay), SATA interface is available, but converter board needed.
CD-ROM Drive
Compact 24X or above
DVD+/RW Drive
Optional 8X or above
Combo Drive
Optional DVD/CD-RW 8D/24W/24E/24R or above
Memory
Supports up to 2 GB DDR SDRAM (184-pin)
FDD
Supports 720 KB / 1.44 MB FDD
Network (LAN)
10/100 Mbps Ethernet interface (Gigabit optional)
I/O Ports
- 2 x serial ports: 1 x RS-232, 1 x RS-232/422/485
- 1 x parallel port, 4 x USB 2.0 ports
- 2 x PCMCIA Type II
- 1 x PS/2 mouse and keyboard interface
- Mic-in, Line-in, Line-out
- 2 x IEEE 1394 ports
- 6-in-1 card reader: supports CompactFlash,
Micro Drive, Smart Media, Secure Digital,
Memory Stick & Multimedia Card
- S-Video port
Bus Expansion
1 x PCI expansion slot
Environmental Specifications
Operating Temperature
0 ~ 45° C (32 ~ 113° F)
Relative Humidity
10 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 msec. duration)
EMC
BSMI, VCCI, CE, FCC Class B, CCC
Safety
CB, CE, UL
Power Supply
Output Rating
180 W (max.)
Input Voltage
100~240 VAC @ 50 ~ 60 Hz
Output Voltage
+3.3 V @ 16.8 A, +5 V @ 12 A, +12 V @ 10 A, -12 V @ 0.8 A, +5 VSB @ 2 A
LCD Display
Display Type
15" Color TFT LCD
Max. Resolution
1024 x 768
Max. Colors or Grayscales
262 K
Pixel Pitch (mm)
0.297 x 0.297
Luminance (cd/m2)
350
Contrast Ratio
400 : 1
Viewing Angle
60° (left), 60° (right), 40° (up), 60° (down)
Operating Temperature
0 ~ 50° C (32 ~ 122° F)
VR Controls
Brightness
Simultaneous Mode
Yes
LCD MTBF
50,000 hrs


Similar Part No. - PPC-154SWINARM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-154T-EPCE ADVANTECH-PPC-154T-EPCE Datasheet
333Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
More results

Similar Description - PPC-154SWINARM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-9151G ADVANTECH-IPPC-9151G Datasheet
302Kb / 2P
Rugged Intel짰 Pentium짰 4 / Celeron짰 Industrial Panel PC with 15" LCD
PPC-103T ADVANTECH-PPC-103T Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-154T-EPCE ADVANTECH-PPC-154T-EPCE Datasheet
333Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-174T ADVANTECH-PPC-174T Datasheet
397Kb / 2P
17 Panel PC with Intel짰 Pentium짰 4 Processor
PPC-175T ADVANTECH-PPC-175T Datasheet
356Kb / 2P
17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-L157T ADVANTECH-PPC-L157T Datasheet
454Kb / 2P
15 Fanless Panel PC with Intel짰 Ato ??N270 Processor
PPC-S154T ADVANTECH-PPC-S154T Datasheet
462Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PPC-S155T ADVANTECH-PPC-S155T Datasheet
409Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-8150-RI3AE ADVANTECH-PPC-8150-RI3AE Datasheet
541Kb / 2P
15" Panel PC with Intel짰 Core??i3 / i5 Processor
PPC-3150S ADVANTECH-PPC-3150S Datasheet
389Kb / 2P
15 Fanless Panel PC with Intel짰 Celeron짰 N2930 Processor
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com