Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-154SWINARM Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-154SWINARM
Description  15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-154SWINARM Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-154SWINARM Datasheet HTML 1Page - Advantech Co., Ltd. PPC-154SWINARM Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
A. S-Video
B. Line-in/Line-out/Mic-in
C. IEEE 1394 x 2
D. USB 2.0 x 4
E. 10/100 Mbps Ethernet (Gigabit Optional)
F. VGA port
G. Com port x 2
Feature Details
Protection
To meet the requirements of a public environment, the front panel of PPC-154T complies
with the IP65/NEMA 4 protection standards. Furthermore, the watchdog timer and
power management features make the system secure and stable. The onboard hardware
monitoring feature provides automatic protection that prevents the CPU from becoming
overheated.
Networking
Two serial ports and a 10/100 Mbps Ethernet port (Gigabit optional) give the
PPC-154T advanced networking capabilities, and provide a great solution for versatile
applications.
Expansion
To extend functionality, the PPC-154T is designed with one expansion slot for PCI
cards, four USB 2.0 (Univeral Serial Bus) ports, one S-Video port, a 6-in-1 cardreader
interface and one PCMCIA card bus (Type II x 2). With these expansion capabilities, the
PPC-154T not only functions as an HMI, but also as a computing center to build your
applications on.
Easy Maintenance
Maintaining and replacing the LCD and touchscreen are made easier through the PPC-
154T's modular design. In order to replace a defective LCD or touchscreen, one merely
needs to remove the front cover and LCD bracket instead of disassembling the whole
system.
Touchscreen Options
Customers can choose from three optional types of standardized touchscreens: resistive,
capacitive and SAW (Surface Acoustic Wave). These options make the PPC-154T a more
user-friendly interface for different environments.
PPC-154T
A
B
C
D
E
F
G
H
J
K
L
M
I
Ordering Information
Part No.
Description
PPC-154T-BAREE
Panel PC with 15" color TFT LCD display (resolution 1024 x 768)
PPC-154T-BARE-TE
PPC-154T with resistive touchscreen
PPC-154T-BARE-CE
PPC-154T with capacitive touchscreen
PPC-154T-BARE-SE
PPC-154T with SAW touchscreen
PPC-120 STAND
Stand kit for PPC-154/153/150 and PPC-123/120 series
PPC-154 SWINARM
Swingarm kit for PPC-154 series
PPC-120 WL-MT
Wall mount kit for PPC-154/153/150 and PPC-123/120 series
PPC-ARM-A03
VESA standard ARM for PPC-123/153/154 series series
1702002600
Power cable UL/CSA(USA) 180D 125V10A 1.83M
9898007100E
2.5" PATA to SATA HDD Converter Board
PPC-FP-A01E
USB Fingerprint Accessory Kit
1702002605
POWER CABLE 90D 220V EUROPEAN 250V/6A 1.8M
* Intel Pentium 4 CPU, DDR SDRAM and 2.5" HDD are available as optional items.
* FDD, CD-ROM and PCMCIA are removable as OEM items
* Infrared touchscreen with sunlight readable panel can be ordered via OEM process; both items
can be ordered separately
Fully Integrated I/O
H. PS/2 mouse & keyboard
I. ATX Power Supply
J. AC inlet
K. Power Switch
L. Parallel port
M. PCI slot
391
420
130.5
118.5
12
2.4
Touchscreen (Optional)
Types
Analog Resistive
Capacitive
Surface Acoustic Wave
Infrared
Resolution
Continuous
1024 x 1024
4096 x 4096
4096 x 4096
Light Transmission
80%
91.5%
91%
91%
Controller
USB Interface
USB Interface
USB Interface
USB Interface
Power Consumption
+5 V @ 200 mA
+5 V @ 100 mA
+5 V @ 150 mA
+5 V @ 150 mA
Software Driver
Supports both DOS and Windows
Durability (Touches)
35 million
225 million
50 million
100,000 hrs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com