Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-177T Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-177T
Description  17 Panel PC with Intel짰 Core??2 Duo Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-177T Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-177T Datasheet HTML 1Page - Advantech Co., Ltd. PPC-177T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
All product specifications are subject to change without notice
Last updated : 09-Nov-2009
Features
PPC-177T
17" Panel PC with Intel® Core™ 2
Duo Processor
Intel® Core™2 Duo processor up to 2.16 GHz
System memory up to 4 GB 667 MHz DDR2 SODIMM socket x 2
One PCI-e Expansion Slot (PCI is available as option)
One Mini PCI slot, Type II CF card x1; IDE interface (Master)
Built-in CF card interface (IDE interface for OS booting)
Two Gigabit Ethernet ports
Introduction
The PPC-177T is an Intel® Core 2 Duo based Panel PC with 17" color TFT LCD. It features multimedia devices, various connectors, and can be installed in virtually any application.
In addition, its user-friendly interface makes it a great host for information appliances. Four serial ports and two Gigabit Ethernet ports give the PPC-177T advanced networking
capabilities, and provide a great solution for versatile applications.
Specifications
Processor System
CPU
Supports Socket 478 based Core 2 Duo up to 2.16 GHz
CPU FSB
533/667 MHz
Chipset
945GME + ICH7M
Disk Drive Housing
Room for 1 x 2.5" SATA HDD
Dimensions (W x H x D)
442 x 362 x 111.5mm (17.4" x 14.25" x 4.39")
Weight
7.6KG (16.74lb)
Front Panel Protection
IP65/NEMA 4 compliant
HDD
SATA HDD interface (2.5" HDD bay)
DVD+/-RW Drive
Optional SATA 8X or above DVD+/-RW Drive
Combo Drive
Optional SATA DVD/CD-RW 8D/24W/24E/24R or above
Memory
Supports up to 4 GB of 667 MHz DDR2 SODIMM system memory (socket x 2)
Network (LAN)
2 x Gigabit Ethernet ports, Wake on LAN, boot from LAN and LAN teaming supported
I/O Ports
- 4 x COM ports: 3 x RS-232, 1 x RS-232/422/485
- 4 x USB 2.0 ports
- 1 x PS/2 mouse and keyboard interface
- MIC in / Line in / Line out port, 1 W speakers
- 2 x Gigabit Ethernet ports
- 1 x D-SUB VGA port
Bus Expansion
One PCI-e Expansion Slot (PCI is available as option)
Environmental Specifications
Operating Temperature
0 ~ 50° C (32 ~ 122° F)
Relative Humidity
10 ~ 95% @ 40° C non-condensing
Shock
10 G peak acceleration (11 msec. duration)
EMC
BSMI, CE, FCC Class B, CCC
Safety
CB, CE, UL
Power Supply
AC Model
Output Rating
150 W (max.)
Input Voltage
100 ~ 240 VAC, 50 ~ 60 Hz, 2 ~ 4 A
Output Voltage
+3.3 V @ 4.5 A, +5 V @ 8.5 A, +12 V @ 7.0 A, +5 Vsb @ 1.5 A, -12 V @ 0.3 A
LCD Display
Display Type
Color TFT LCD
Size (Diagonal)
17"
Max. Resolution
1280 x 1024
Max. Colors or Grayscales
16.7M
Pixel Pitch (mm)
0.264 x 0.264
Luminance (cd/m2)
300
Contrast Ratio
800:1
Viewing Angle
80° (left), 80° (right), 80° (up), 80° (down)
Operating Temperature
0 ~ +50° C
LCD MTBF
50,000 hrs


Similar Part No. - PPC-177T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-174RACK-MT ADVANTECH-PPC-174RACK-MT Datasheet
397Kb / 2P
17 Panel PC with Intel짰 Pentium짰 4 Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
463Kb / 2P
19" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
525Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
More results

Similar Description - PPC-177T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-176 ADVANTECH-POC-176 Datasheet
575Kb / 2P
17 Point-of-Care Terminal Featuring Intel짰 Core??2 Duo Processor
POC-S176 ADVANTECH-POC-S176 Datasheet
456Kb / 2P
17 Slim Point-of-Care Terminal with Intel짰 Core??Duo/Core??2 Duo Processor
PPC-125T ADVANTECH-PPC-125T Datasheet
286Kb / 2P
12 Panel PC with Intel짰 Core??2 Duo Processor
PPC-174T ADVANTECH-PPC-174T Datasheet
397Kb / 2P
17 Panel PC with Intel짰 Pentium짰 4 Processor
logo
AAEON Technology
COM-45GS AAEON-COM-45GS Datasheet
323Kb / 2P
Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
FOX-122 AAEON-FOX-122 Datasheet
316Kb / 2P
IP-65/67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel짰 Core??2 Duo Processor
logo
BOSER Technology Co., L...
BPC-6671 BOSER-BPC-6671_11 Datasheet
644Kb / 1P
17" Panel PC with Touch Screen, Core 2 Duo
logo
Advantech Co., Ltd.
PPC-125T-BAREE ADVANTECH-PPC-125T-BAREE Datasheet
428Kb / 2P
12" Panel PC with Intel짰 Core?? Duo Processor
PPC-6170-Ri5AE ADVANTECH-PPC-6170-Ri5AE Datasheet
490Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-8170-RI3AE ADVANTECH-PPC-8170-RI3AE Datasheet
556Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com